Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 29Page - STMicroelectronics AN1709 Datasheet HTML 30Page - STMicroelectronics AN1709 Datasheet HTML 31Page - STMicroelectronics AN1709 Datasheet HTML 32Page - STMicroelectronics AN1709 Datasheet HTML 33Page - STMicroelectronics AN1709 Datasheet HTML 34Page - STMicroelectronics AN1709 Datasheet HTML 35Page - STMicroelectronics AN1709 Datasheet HTML 36Page - STMicroelectronics AN1709 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
33/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
Figure 20. Power Supply Lay-out Examples
I/O configuration
An open (floating) pin is a potential hazard to the circuit.
I/O pins which are not used in the application should be preferably configured in output low
state. This will also minimize the current consumption.
A major source of emission in Microcontroller based applications can be due to high speed
digital I/O and communication interfaces such as SPI, I2C clocks, USB or PWM... The Rise/
Fall times are critical. Typical designs add RC low pass filters.
Shielding
Shielding can help in reducing noise sensitivity and emission, but its success depends directly
on the material chosen as shield (high permeability, low resistivity) and on its connection to a
stable voltage source including a decoupling capacitance via a low serial impedance (low in-
ductance, low resistance).
If the generator of major disturbances is near to the MCU board and can be identified as a
strong dV/dt generator (i.e. a transformer or Klystron), the noise is carried mainly by the elec-
trostatic field. The critical coupling between the noise generator and the control board is ca-
pacitive. A highly conductive shield (i.e. copper) creating a Faraday cage around the control
board may strongly increase the immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com