Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1709 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 8Page - STMicroelectronics AN1709 Datasheet HTML 9Page - STMicroelectronics AN1709 Datasheet HTML 10Page - STMicroelectronics AN1709 Datasheet HTML 11Page - STMicroelectronics AN1709 Datasheet HTML 12Page - STMicroelectronics AN1709 Datasheet HTML 13Page - STMicroelectronics AN1709 Datasheet HTML 14Page - STMicroelectronics AN1709 Datasheet HTML 15Page - STMicroelectronics AN1709 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
Figure 6. Absolute Electrical Sensitivity test models
2.1.3.1 Human Body Model Test Sequence
The HBM ESD pulse simulates the direct transfer of electrostatic charge, from the Human
Body, to a test device. A 100pF capacitor is discharged through a switching component and a
1.5 Kohm series resistor. This is currently the most requested industry model, for classifying
device sensitivity to ESD.
– CL is loaded through S1 by the HV pulse generator.
– S1 switches position from generator to R.
– A discharge from CL through R (body resistance) to the µC occurs.
– S2 must be closed 10 to 100ms after the pulse delivery period to ensure the µC is not left in
charge state. S2 must be opened at least 10ms prior to the delivery of the next pulse.
2.1.3.2 Machine Model Test Sequence
The MM ESD pulse emulates the rapid direct transfer of electrostatic charge, from a charged
conductive object, such as a metallic tool or fixture, to a test device. This model consists of a
discharged 200pF capacitor, with no series resistor. The demand for MM ESD testing has in-
creased, with the replacement of individual packaging by automated systems.
– CL is loaded through S1 by the HV pulse generator.
– S1 switches position from generator to the µC.
– A discharge from CL to the µC occurs.
– S2 must be closed 10 to 100ms after the pulse delivery period to ensure the µC is not left in
charge state. S2 must be opened at least 10ms prior to the delivery of the next pulse.
R (machine resistance), in series with S2, ensures a slow discharge of the µC.
Table 9 shows how HBM/MM ESD test results are presented in ST datasheets.
µC
S2
R=1500W
S1
HIGH VOLTAGE
CL=100pF
PULSE
GENERATOR
µC
S2
HIGH VOLTAGE
CL=200pF
PULSE
GENERATOR
S1
HUMAN BODY MODEL
MACHINE MODEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com