Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 24 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 24 Page - NEC

Back Button UPD703003 Datasheet HTML 20Page - NEC UPD703003 Datasheet HTML 21Page - NEC UPD703003 Datasheet HTML 22Page - NEC UPD703003 Datasheet HTML 23Page - NEC UPD703003 Datasheet HTML 24Page - NEC UPD703003 Datasheet HTML 25Page - NEC UPD703003 Datasheet HTML 26Page - NEC UPD703003 Datasheet HTML 27Page - NEC UPD703003 Datasheet HTML 28Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
µPD703003
24
Data Sheet U12261EJ2V1DS00
9. SERIAL INTERFACE FUNCTIONS (SIO)
Two types and six channels of serial interfaces are provided.
Up to four channels may be used at the same time.
(1) Asynchronous serial interfaces 0, 1 (UART0, UART1): 2 channels
(2) Clock-synchronized serial interfaces 0 to 3 (CSI0 to CSI3): 4 channels
Caution
UART0 and CSI0 are a shared pin, as are UART1 and CSI1. Either one can be selected via a
register (ASIM00, ASIM10).
9.1 Asynchronous Serial Interfaces 0, 1 (UART0, UART1)
The features of the asynchronous serial interfaces 0, 1 (UART0, UART1) are shown below.
• Transfer rate
150 bps to 76800 bps (@
φ = 33-MHz operation, using baud rate generator)
110 bps to 307200 bps (@
φ = 20-MHz operation, using baud rate generator)
Maximum 1031 Kbytes (@
φ = 33-MHz operation, using φ/2)
• Full duplex communications: Receive buffer (RXBn) included
• Two-pin configuration
TXDn: output pin for transmit data
RXDn: input pin for receive data
• Reception error detection function
• Parity error
• Framing error
• Overrun error
• Three types of interrupt sources
• Reception error interrupt (INTSERn)
• Reception completion interrupt (INTSRn)
• Transmission completion interrupt (INTSTn)
• The character length of transmit and receive data is specified via the ASIMn0, ASIMn1 register
• Character lengths: 7 or 8 bits, or 9 bits (if using expansion bit)
• Parity function: even, odd, zero, or no parity
• Transmission stop bits: 1 or 2 bits
• On-chip baud rate generator
Remark n = 0, 1
φ : internal system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com