Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 14 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 14 Page - NEC

Back Button UPD703003 Datasheet HTML 10Page - NEC UPD703003 Datasheet HTML 11Page - NEC UPD703003 Datasheet HTML 12Page - NEC UPD703003 Datasheet HTML 13Page - NEC UPD703003 Datasheet HTML 14Page - NEC UPD703003 Datasheet HTML 15Page - NEC UPD703003 Datasheet HTML 16Page - NEC UPD703003 Datasheet HTML 17Page - NEC UPD703003 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
µPD703003
14
Data Sheet U12261EJ2V1DS00
3. FUNCTION BLOCKS
3.1 Internal Units
3.1.1 CPU
The CPU uses five-stage pipeline control to enable single-clock execution of address calculations, arithmetic logic
operations, data transfers, and almost all other instruction processing.
Other dedicated on-chip hardware, such as the multiplier (16 bits
× 16 bits) and the barrel shifter (32 bits) help
accelerate processing of complex instructions.
3.1.2 Bus control unit (BCU)
The BCU starts a required bus cycle based on the physical address obtained by the CPU. When an instruction
is fetched from external memory space and the CPU does not send a bus cycle start request, the BCU generates a
prefetch address and prefetches the instruction code. The prefetched instruction code is stored in a prefetch queue.
3.1.3 ROM
ROM is mapped to the address space starting at 00000000H. The MODE pin can be used to select an access
enable/disable setting. ROM can be accessed by the CPU in one clock cycle when an instruction is fetched.
3.1.4 RAM
RAM is mapped to the address space starting at FFFFE000H. RAM can be accessed by the CPU in one clock
cycle when data accessed.
3.1.5 Ports
In addition to the 75 pins (port 0 to port 11) comprising I/O ports (of which eight pins comprise an input-only port),
various port pin and control pin functions can be selected for these pins.
3.1.6 Interrupt controller (INTC)
This controller handles hardware interrupt requests (NMI, INTP110 to INTP113, INTP120 to INTP123, INTP130
to INTP133, and INTP140 to INTP143) from on-chip peripheral hardware and external hardware. Eight interrupt
priority levels can be specified for these interrupt requests, and multiplexed servicing control can be performed for
interrupt sources.
3.1.7 Clock generator (CG)
An on-chip PLL enables the CPU operating clock to be supplied to resonators connected to pins X1 and X2 at 5
×
frequency, 1
× frequency, and 1/2× frequency. It can also be connected to an external clock instead of to the resonator.
3.1.8 Real-time pulse unit (RPU)
The RPU includes a four-channel 16-bit timer/event counter and a one-channel 16-bit interval timer, which enables
measurement of pulse intervals and frequency as well as programmable pulse output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com