Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 26 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 26 Page - NEC

Back Button UPD703003 Datasheet HTML 22Page - NEC UPD703003 Datasheet HTML 23Page - NEC UPD703003 Datasheet HTML 24Page - NEC UPD703003 Datasheet HTML 25Page - NEC UPD703003 Datasheet HTML 26Page - NEC UPD703003 Datasheet HTML 27Page - NEC UPD703003 Datasheet HTML 28Page - NEC UPD703003 Datasheet HTML 29Page - NEC UPD703003 Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 82 page
background image
µPD703003
26
Data Sheet U12261EJ2V1DS00
9.2 Clock-synchronized Serial Interfaces 0 to 3 (CSI0 to CSI3)
The features of the clock-synchronized serial interfaces 0 to 3 (CSI0 to CSI3) are shown below.
• Number of channels: 4 channels (CSIn)
• High-speed transfer
MAX 8.25 Mbps (@
φ = 33-MHz operation)
• Half-duplex communications
• Character length uses 8-bit unit
• Switchable byte ordering (MSB first or LSB first)
• Selectable external serial clock input/internal serial clock output
• 3-wire type
SOn: Serial data output
SIn:
Serial data input
SCKn: Serial clock I/O
• Interrupt source: 1 type
•
Transmission/reception completion interrupt (INTCSIn)
Remark n = 0 to 3
φ : internal system clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com