Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 76 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 76 Page - NEC

Back Button UPD703003 Datasheet HTML 72Page - NEC UPD703003 Datasheet HTML 73Page - NEC UPD703003 Datasheet HTML 74Page - NEC UPD703003 Datasheet HTML 75Page - NEC UPD703003 Datasheet HTML 76Page - NEC UPD703003 Datasheet HTML 77Page - NEC UPD703003 Datasheet HTML 78Page - NEC UPD703003 Datasheet HTML 79Page - NEC UPD703003 Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 82 page
background image
µPD703003
76
Data Sheet U12261EJ2V1DS00
D/A Converter Characteristics (TA = –40 to +85
°C, VDD = AVDD = 5 V ±10%, VSS = AVSS = 0 V)
Parameter
Symbol
Conditions
25-MHz Version
33-MHz Version
Units
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Resolution
—
8
8
bit
Total error
—
Load condition: 2 M
Ω, 30 pF
0.8
0.8
%
AVREF2 = VDD
AVREF3 = 0
—
Load condition: 2 M
Ω, 30 pF
1.0
1.0
%
AVREF2 = 0.75 VDD
AVREF3 = 0.25 VDD
—
Load condition: 4 M
Ω, 30 pF
0.6
0.6
%
AVREF2 = VDD
AVREF3 = 0
—
Load condition: 4 M
Ω, 30 pF
0.8
0.8
%
AVREF2 = 0.75 VDD
AVREF3 = 0.25 VDD
Settling time
—
Load condition: 2 M
Ω, 30 pF
10
10
µs
Output resistance
RO
10
10
k
Ω
AVREF2 input voltage
AVREF2
0.75 VDD
VDD
0.75 VDD
VDD
V
AVREF3 input voltage
AVREF3
0
0.25 VDD
0
0.25 VDD
V
AVREF2 to AVREF3
RAIREF
DACS0, DACS1 = 55H
2
5
2
5
k
Ω
resistance value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com