Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 60 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 60 Page - NEC

Back Button UPD703003 Datasheet HTML 56Page - NEC UPD703003 Datasheet HTML 57Page - NEC UPD703003 Datasheet HTML 58Page - NEC UPD703003 Datasheet HTML 59Page - NEC UPD703003 Datasheet HTML 60Page - NEC UPD703003 Datasheet HTML 61Page - NEC UPD703003 Datasheet HTML 62Page - NEC UPD703003 Datasheet HTML 63Page - NEC UPD703003 Datasheet HTML 64Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 82 page
background image
µPD703003
60
Data Sheet U12261EJ2V1DS00
(1) Clock timing
Parameter
Symbol
Conditions
25-MHz Version
33-MHz Version
Units
MIN.
MAX.
MIN.
MAX.
X1 input cycle
<1>
tCYX
Direct mode
20
Note 1
15
Note 1
ns
PLL mode (PLL locked)
200
250
150
250
ns
X1 input high-level width
<2>
tWXH
Direct mode
7
6
ns
PLL mode
80
60
ns
X1 input low-level width
<3>
tWXL
Direct mode
7
6
ns
PLL mode
80
60
ns
X1 input rise time
<4>
tXR
Direct mode
7
7
ns
PLL mode
15
10
ns
X1 input fall time
<5>
tXF
Direct mode
7
7
ns
PLL mode
15
10
ns
CPU operating frequency
—
φ
Direct mode
Note 2
25
Note 2
33
MHz
PLL mode
Note 3
25
Note 3
33
MHz
CLKOUT output cycle
<6>
tCYK
40
Note 4
30
Note 4
ns
CLKOUT input high-level width
<7>
tWKH
0.5T – 5
0.5T – 5
ns
CLKOUT input low-level width
<8>
tWKL
0.5T – 5
0.5T – 5
ns
CLKOUT input rise time
<9>
tKR
55
ns
CLKOUT input fall time
<10> tKF
55
ns
X1
↓ → CLKOUT delay time
<11> tDXK
Direct mode
3
17
3
17
ns
Notes 1. When using A/D converter
: 100 ns
When not using A/D converter
: DC
2. When using A/D converter
: 5 MHz
When not using A/D converter
: 0 MHz
3. Free-running oscillation frequency
4. When using A/D converter
: 200 ns
When not using A/D converter
: DC
Remark T = tCYK
Parameter
Symbol
Conditions
TYP.
Units
Free-running oscillation frequency
—
φP
PLL mode
5
MHz
X1 (input)
CLKOUT (output)
<1>
<2>
<4>
<5>
<6>
<7>
<11>
<11>
<8>
<9>
<10>
<3>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com