Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 19 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 19 Page - NEC

Back Button UPD703003 Datasheet HTML 15Page - NEC UPD703003 Datasheet HTML 16Page - NEC UPD703003 Datasheet HTML 17Page - NEC UPD703003 Datasheet HTML 18Page - NEC UPD703003 Datasheet HTML 19Page - NEC UPD703003 Datasheet HTML 20Page - NEC UPD703003 Datasheet HTML 21Page - NEC UPD703003 Datasheet HTML 22Page - NEC UPD703003 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
19
µPD703003
Data Sheet U12261EJ2V1DS00
Interrupt/exception sources are shown in Table 6-1.
Table 6-1. List of Interrupts (1/2)
Interrupt/Exception Source
Default
Exception
Handler
Restored
Type
Category
Name
Control
Trigger Source
Unit
Priority
Register
Level
Code
Address
PC
Reset
Interrupt
RESET
—
Reset input
—
—
0000H
00000000H
Undefined
Nonmaskable
Interrupt
NMI
—
NMI input
—
—
0010H
00000010H
nextPC
Software
Exception TRAP0nNote
—
TRAP instruction
—
—
004nHNote
00000040H
nextPC
exception
Exception TRAP1nNote
—
TRAP instruction
—
—
005nHNote
00000050H
nextPC
Exception trap
Exception ILGOP
—
Undefined instruction code
—
—
0060H
00000060H
nextPC
Maskable
Interrupt
INTOV11
OVIC11 Timer 11 overflow
RPU
0
0080H
00000080H
nextPC
Interrupt
INTOV12
OVIC12 Timer 12 overflow
RPU
1
0090H
00000090H
nextPC
Interrupt
INTOV13
OVIC13 Timer 13 overflow
RPU
2
00A0H
000000A0H
nextPC
Interrupt
INTOV14
OVIC14 Timer 14 overflow
RPU
3
00B0H
000000B0H
nextPC
Interrupt
INTP110/INTCC110 P11IC0
Match between INTP110 and CC110
Pin/RPU
4
00C0H
000000C0H nextPC
Interrupt
INTP111/INTCC111 P11IC1
Match between INTP111 and CC111
Pin/RPU
5
00D0H
000000D0H nextPC
Interrupt
INTP112/INTCC112 P11IC2
Match between INTP112 and CC112
Pin/RPU
6
00E0H
000000E0H
nextPC
Interrupt
INTP113/INTCC113 P11IC3
Match between INTP113 and CC113
Pin/RPU
7
00F0H
000000F0H
nextPC
Interrupt
INTP120/INTCC120 P12IC0
Match between INTP120 and CC120
Pin/RPU
8
0100H
00000100H
nextPC
Interrupt
INTP121/INTCC121 P12IC1
Match between INTP121 and CC121
Pin/RPU
9
0110H
00000110H
nextPC
Interrupt
INTP122/INTCC122 P12IC2
Match between INTP122 and CC122
Pin/RPU
10
0120H
00000120H
nextPC
Interrupt
INTP123/INTCC123 P12IC3
Match between INTP123 and CC123
Pin/RPU
11
0130H
00000130H
nextPC
Interrupt
INTP130/INTCC130 P13IC0
Match between INTP130 and CC130
Pin/RPU
12
0140H
00000140H
nextPC
Interrupt
INTP131/INTCC131 P13IC1
Match between INTP131 and CC131
Pin/RPU
13
0150H
00000150H
nextPC
Interrupt
INTP132/INTCC132 P13IC2
Match between INTP132 and CC132
Pin/RPU
14
0160H
00000160H
nextPC
Interrupt
INTP133/INTCC133 P13IC3
Match between INTP133 and CC133
Pin/RPU
15
0170H
00000170H
nextPC
Interrupt
INTP140/INTCC140 P14IC0
Match between INTP140 and CC140
Pin/RPU
16
0180H
00000180H
nextPC
Interrupt
INTP141/INTCC141 P14IC1
Match between INTP141 and CC141
Pin/RPU
17
0190H
00000190H
nextPC
Interrupt
INTP142/INTCC142 P14IC2
Match between INTP142 and CC142
Pin/RPU
18
01A0H
000001A0H
nextPC
Interrupt
INTP143/INTCC143 P14IC3
Match between INTP143 and CC143
Pin/RPU
19
01B0H
000001B0H
nextPC
Interrupt
INTCM4
CMIC4
Signal matches CM4
RPU
20
01C0H
000001C0H nextPC
Interrupt
INTCSI0
CSIC0
CSI0 send/receive completion
SIO
21
01D0H
000001D0H nextPC
Interrupt
INTCSI1
CSIC1
CSI1 send/receive completion
SIO
22
01E0H
000001E0H
nextPC
Interrupt
INTCSI2
CSIC2
CSI2 send/receive completion
SIO
23
01F0H
000001F0H
nextPC
Note n represents a value between 0 and FH.
Remarks 1. Default priority: The default priority level is the level that takes precedence when multiple
maskable interrupt requests having the same priority level occur at the same
time. The highest priority level is level 0.
Restored PC: This is the PC value that is saved to EIPC or FEPC when interrupt or exception
handling is activated. However, if an interrupt occurs during execution of the
DIVH (divide) instruction, the recovered PC value is the PC value of the current
instruction (DIVH).
2. The invalid instruction execution address can be obtained (using restored PC-4) when an invalid
instruction code exception occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com