Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 58 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 58 Page - NEC

Back Button UPD703003 Datasheet HTML 54Page - NEC UPD703003 Datasheet HTML 55Page - NEC UPD703003 Datasheet HTML 56Page - NEC UPD703003 Datasheet HTML 57Page - NEC UPD703003 Datasheet HTML 58Page - NEC UPD703003 Datasheet HTML 59Page - NEC UPD703003 Datasheet HTML 60Page - NEC UPD703003 Datasheet HTML 61Page - NEC UPD703003 Datasheet HTML 62Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 82 page
background image
µPD703003
58
Data Sheet U12261EJ2V1DS00
Data Hold Characteristics (TA = –40 to +85
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Units
Data hold voltage
VDDDR
STOP mode
1.5
5.5
V
Data hold current
IDDDR
VDD = VDDDR
–40
°C ≤ TA ≤ +50°C
0.2 VDDDR
50
µA
50
°C < TA ≤ 85°C
0.2 VDDDR
200
µA
Power supply voltage rise time
tRVD
200
µs
Power supply voltage fall time
tFVD
200
µs
Power supply voltage hold time
tHVD
0ms
(vs. STOP mode setting)
STOP mode release signal input time tDREL
0ns
Data hold high-level input voltage
VIHDR
Note
0.9 VDDDR
VDDDR
V
Data hold low-level input voltage
VILDR
Note
0
0.1 VDDDR
V
Note P02/TCLR11, P03/TI11, P04/INTP110 to P07/INTP113, P12/TCLR12, P13/TI12, P14/INTP120, P15/
INTP121/SO2, P16/INTP122/SI2, P17/INTP123/SCK2, P23/RXD0/SI0, P24/SCK0, P26/RXD1/SI1,
P27/SCK1, P32/TCLR32, P33/TI13, P34/INTP130, P35/INTP131/SO3, P36/INTP132/SI3, P37/INTP133/
SCK3, P112/TCLR14, P113/TI14, P114/INTP140 to P117/INTP143, RESET, NMI, MODE, X1
Remark TYP. values are reference values for when TA = 25
°C and VDD = 5.0 V.
tHVD
VDD
VDD
tFVD
tRVD
tDREL
VDD
VDDDR
RESET (input)
VIHDR
NMI (input)
(Released at falling edge)
VIHDR
VILDR
NMI (input)
(Released at rising edge)
STOP mode setting (fifth clock after PSC register is set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com