Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 75 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 75 Page - NEC

Back Button UPD703003 Datasheet HTML 71Page - NEC UPD703003 Datasheet HTML 72Page - NEC UPD703003 Datasheet HTML 73Page - NEC UPD703003 Datasheet HTML 74Page - NEC UPD703003 Datasheet HTML 75Page - NEC UPD703003 Datasheet HTML 76Page - NEC UPD703003 Datasheet HTML 77Page - NEC UPD703003 Datasheet HTML 78Page - NEC UPD703003 Datasheet HTML 79Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
75
µPD703003
Data Sheet U12261EJ2V1DS00
A/D Converter Characteristics (TA = –40 to +85
°C, VDD = AVDD = 5 V ±10%, VSS = AVSS = 0 V)
Parameter
Symbol
Conditions
25-MHz Version
33-MHz Version
Units
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
Resolution
—
10
10
bit
Total errorNote 1
—
4.5 V
≤ AVREF1 ≤ AVDD
±0.55
±0.55 %FSR
—
3.5 V
≤ AVREF1 ≤ AVDD
±0.7
±0.7
%FSR
Quantization error
—
±1/2
±1/2
LSB
Conversion time
tCONV
4.5 V
≤ AVREF1 ≤ AVDD
48
60
tCYK
3.5 V
≤ AVREF1 ≤ AVDD
48
60
tCYK
Sampling time
tSAMP
4.5 V
≤ AVREF1 ≤ AVDD
810
tCYK
3.5 V
≤ AVREF1 ≤ AVDD
810
tCYK
Zero scale errorNote 1
—
4.5 V
≤ AVREF1 ≤ AVDD
±3.0
±4.5
±3.0
±4.5
LSB
—
3.5 V
≤ AVREF1 ≤ AVDD
±3.0
±5.5
±3.0
±5.5
LSB
Full scale errorNote 1
—
4.5 V
≤ AVREF1 ≤ AVDD
±1.5
±2.5
±1.5
±2.5
LSB
—
3.5 V
≤ AVREF1 ≤ AVDD
±1.5
±4.5
±1.5
±4.5
LSB
Nonlinearity errorNote 1
—
4.5 V
≤ AVREF1 ≤ AVDD
±1.5
±3.5
±1.5
±3.5
LSB
—
3.5 V
≤ AVREF1 ≤ AVDD
±1.5
±4.5
±1.5
±4.5
LSB
Analog input
VIAN
–0.3
AVDD
–0.3
AVDD
V
voltageNote 2
+0.3
+0.3
Reference voltage
AVREF1
3.5
AVDD
3.5
AVDD
V
AVREF1 current
AIREF1
1.2
3.0
1.2
3.0
mA
AVDD power supply
AIDD
2.3
6.0
2.3
6.0
mA
current
Notes 1. Does not include quantization error.
2. When VIAN = 0, the conversion result becomes 000H.
When 0 < VIAN < AVREF1, conversion has 10-bit resolution.
When AVREF1
≤ VIAN ≤ AVDD, the conversion result becomes 3FFH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com