Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 54 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 54 Page - NEC

Back Button UPD703003 Datasheet HTML 50Page - NEC UPD703003 Datasheet HTML 51Page - NEC UPD703003 Datasheet HTML 52Page - NEC UPD703003 Datasheet HTML 53Page - NEC UPD703003 Datasheet HTML 54Page - NEC UPD703003 Datasheet HTML 55Page - NEC UPD703003 Datasheet HTML 56Page - NEC UPD703003 Datasheet HTML 57Page - NEC UPD703003 Datasheet HTML 58Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 82 page
background image
µPD703003
54
Data Sheet U12261EJ2V1DS00
Recommended Operating Conditions
Operation Mode
Internal Operating
Operating Ambient
Power Supply
Clock Frequency (
φ)
Temperature (TA)
Voltage (VDD)
Direct mode
0 to 33 MHzNote 1
–40 to +85
°C
5.0 V
±10%
5 to 33 MHzNote 2
–40 to +85
°C
5.0 V
±10%
PLL mode
Free-running oscillation frequency to 33 MHz
–40 to +85
°C
5.0 V
±10%
Notes 1. When not using A/D converter
2. When using A/D converter
Remark The range of internal operating clock frequency in PLL mode is the assured range of function
operation. PLL locked frequency is specified by tCYX.
Recommended Oscillator
(a) Ceramic oscillation resonator connection (TA = –40 to +85
°C)
X1
X2
C1
C2
Oscillation
Recommended Circuit
Oscillation Voltage Oscillation Stabilization
Manufacturer
Part Number
Frequency
Constant
Range
Time (MAX.)
fXX (MHz)
C1 (pF)
C2 (pF)
MIN. (V) MAX. (V)
TOST (ms)
TDK
CCR5.0MC3
5.0
On-chip
On-chip
4.5
5.5
0.36
FCR5.0MC5
5.0
On-chip
On-chip
4.5
5.5
0.32
CCR6.6MC3
6.6
On-chip
On-chip
4.5
5.5
0.28
Murata Mfg. CSA5.00MG040
5.0
100
100
4.5
5.5
0.46
CST5.00MGW040
5.0
On-chip
On-chip
4.5
5.5
0.46
CSA6.60MTZ040
6.6
100
100
4.5
5.5
0.42
CST6.60MTW040
6.6
On-chip
On-chip
4.5
5.5
0.42
Cautions 1. Set the oscillator as close to the X1 and X2 pins as possible.
2. No other signal lines should be wired in the area enclosed by broken lines.
3. When matching
µPD703003 with a resonator, be sure to perform sufficient evaluation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com