Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 62 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 62 Page - NEC

Back Button UPD703003 Datasheet HTML 58Page - NEC UPD703003 Datasheet HTML 59Page - NEC UPD703003 Datasheet HTML 60Page - NEC UPD703003 Datasheet HTML 61Page - NEC UPD703003 Datasheet HTML 62Page - NEC UPD703003 Datasheet HTML 63Page - NEC UPD703003 Datasheet HTML 64Page - NEC UPD703003 Datasheet HTML 65Page - NEC UPD703003 Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 82 page
background image
µPD703003
62
Data Sheet U12261EJ2V1DS00
(3) Output waveform (other than CLKOUT)
Parameter
Symbol
Conditions
25-MHz Version
33-MHz Version
Units
MIN.
MAX.
MIN.
MAX.
Output rise time
<16> tOR
12
12
ns
Output fall time
<17> tOF
12
12
ns
(4) Reset timing
Parameter
Symbol
Conditions
25-MHz Version
33-MHz Version
Units
MIN.
MAX.
MIN.
MAX.
RESET high-level width
<18> tWRSH
500
500
ns
RESET low-level width
<19> tWRSL
When power supply is ON
500 + TOST
500 + TOST
ns
and STOP mode has been
released
Other than when power
500
500
ns
supply is ON and STOP
mode has been released
Remark TOST: Oscillation stabilization time
0.8 V
<16>
<17>
2.2 V
2.2 V
0.8 V
Output signal
RESET (input)
<18>
<19>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com