Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD703003 Datasheet(PDF) 57 Page - NEC

Part # UPD703003
Description  V853TM 32/16-BIT SINGLE-CHIP MICROCONTROLLER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703003 Datasheet(HTML) 57 Page - NEC

Back Button UPD703003 Datasheet HTML 53Page - NEC UPD703003 Datasheet HTML 54Page - NEC UPD703003 Datasheet HTML 55Page - NEC UPD703003 Datasheet HTML 56Page - NEC UPD703003 Datasheet HTML 57Page - NEC UPD703003 Datasheet HTML 58Page - NEC UPD703003 Datasheet HTML 59Page - NEC UPD703003 Datasheet HTML 60Page - NEC UPD703003 Datasheet HTML 61Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 82 page
background image
57
µPD703003
Data Sheet U12261EJ2V1DS00
DC Characteristics (TA = –40 to +85
°C, VDD = 5.0 V ±10%, VSS = 0 V)
(2/2)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Units
Power supply current When
IDD1
Direct modeNote
2.4
×
φ + 6 2.8 × φ + 19
mA
operating
PLL mode
2.5
×
φ + 8 2.9 × φ + 22
mA
During
IDD2
Direct modeNote
1.4
×
φ + 5 1.5 × φ + 18 mA
HALT mode
PLL mode
1.5
×
φ + 7 1.6 × φ + 20 mA
During
IDD3
Direct modeNote
18.6
×
φ + 100 22 ×
φ + 200
µA
IDLE mode
PLL mode
0.05
×
φ + 4 0.1 ×
φ + 8
mA
During
IDD4
–40
°C ≤ TA ≤ +50°C2
50
µA
STOP mode
50
°C < TA ≤ 85°C
2
200
µA
Note When using A/D converter:
φ = 5 to 33 MHz
When not using A/D converter:
φ = 0 to 33 MHz
Remarks 1. TYP. values are reference values for when TA = 25
°C and VDD = 5.0 V. The power supply current
does not include AVREF1 to AVREF3 or the current that flows across the software pull-up resistance.
2.
φ = Internal system clock frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com