Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 2Page - STMicroelectronics AN3422 Datasheet HTML 3Page - STMicroelectronics AN3422 Datasheet HTML 4Page - STMicroelectronics AN3422 Datasheet HTML 5Page - STMicroelectronics AN3422 Datasheet HTML 6Page - STMicroelectronics AN3422 Datasheet HTML 7Page - STMicroelectronics AN3422 Datasheet HTML 8Page - STMicroelectronics AN3422 Datasheet HTML 9Page - STMicroelectronics AN3422 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
STM32L1 family overview
AN3422
6/52
Doc ID 018976 Rev 2
2
STM32L1 family overview
The STM32L1 platform forms a strong foundation with a broad and growing portfolio. With
new products addressing new applications, the complete STM32L product series now
comprises three series, STM32L1 Medium-density, STM32L1 Medium-density+ and
STM32L1 High-density, all dedicated to ultra low power and low voltage applications.
●
STM32L1: Designed for ultra-low-power applications that are energy-aware and seek
to achieve the absolute lowest power consumption. The L1 series maintains
compatibility with the F1 series.
–
Medium-density devices are STM32L151xx and STM32L152xx microcontrollers
where the Flash memory density ranges between 64 and 128 Kbyte
–
Medium-density+ devices are STM32L151xx, STM32L152xx and STM32L162xx
microcontrollers where the Flash memory density is 256 Kbyte
–
High-density devices are STM32L151xx, STM32L152xx and STM32L162xx
microcontrollers where the Flash memory density is 384 Kbyte
The ultralow power STM32L1 Medium-density, STM32L1 Medium-density+ and STM32L1
High-density are fully pin-to-pin, software and feature compatible.
Table 1.
STM32L1 peripherals compatibility analysis
Peripheral
Medium-
density
Medium-
density+
High-
density
Compatibility
Comments
SPI
Yes
Yes
Yes
No I2S in L1 Medium-density
series
WWDG
Yes
Yes
Yes
Same features
IWDG
Yes
Yes
Yes
Same features
DBGMCU
Yes
Yes
Yes
Same features
CRC
Yes
Yes
Yes
Same features
EXTI
Yes
Yes
Yes
Same features
USB FS Device Yes
Yes
Yes
Same features
DMA
Yes
Yes
Yes
Same features
TIM
Yes
Yes
Yes
Same features
SDIO
No
No
Yes
Same features
FSMC
No
No
Yes
Same features
PWR
Yes
Yes
Yes
Same features
RCC
Yes
Yes
Yes
Same features
USART
Yes
Yes
Yes
Same features (UART4/5 are
available only on High-density)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com