Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 12Page - STMicroelectronics AN3422 Datasheet HTML 13Page - STMicroelectronics AN3422 Datasheet HTML 14Page - STMicroelectronics AN3422 Datasheet HTML 15Page - STMicroelectronics AN3422 Datasheet HTML 16Page - STMicroelectronics AN3422 Datasheet HTML 17Page - STMicroelectronics AN3422 Datasheet HTML 18Page - STMicroelectronics AN3422 Datasheet HTML 19Page - STMicroelectronics AN3422 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
Peripheral migration
AN3422
16/52
Doc ID 018976 Rev 2
OPAMP
APB1
0x40007C5C
NA
NA
COMP+RI
0x40007C00
NA
NA
DAC
0x40007400
APB1
0x40007400
PWR
0x40007000
0x40007000
USB device FS SRAM
0x40006000
0x40006000
USB device FS
0x40005C00
0x40005C00
I2C2
0x40005800
0x40005800
I2C1
0x40005400
0x40005400
UART5
0x40005000
0x40005000
UART4
0x40004C00
0x40004C00
USART3
0x40004800
0x40004800
USART2
0x40004400
0x40004400
SPI3
0x40003C00
0x40003C00
SPI2
0x40003800
0x40003800
IWDG
0x40003000
0x40003000
WWDG
0x40002C00
0x40002C00
RTC
0x40002800
(inc. BKP registers)
0x40002800
LCD
0x40002400
NA
NA
TIM7
0x40001400
APB1
0x40001400
TIM6
0x40001000
0x40001000
TIM5
0x40000C00
0x40000C00
TIM4
0x40000800
0x40000800
TIM3
0x40000400
0x40000400
TIM2
0x40000000
0x40000000
USB OTG FS
NA
NA
AHB
0x50000000
ETHERNET MAC
NA
NA
0x40028000
ADC2
NA
NA
APB2
0x40012800
ADC3
NA
NA
0x40013C00
TIM8
NA
NA
0x40013400
TIM1
NA
NA
0x40012C00
Table 4.
IP bus mapping differences between STM32F1 and STM32L1 series
Peripheral
STM32L1 series
STM32F1 series
Bus
Base address
Bus
Base address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com