Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 17Page - STMicroelectronics AN3422 Datasheet HTML 18Page - STMicroelectronics AN3422 Datasheet HTML 19Page - STMicroelectronics AN3422 Datasheet HTML 20Page - STMicroelectronics AN3422 Datasheet HTML 21Page - STMicroelectronics AN3422 Datasheet HTML 22Page - STMicroelectronics AN3422 Datasheet HTML 23Page - STMicroelectronics AN3422 Datasheet HTML 24Page - STMicroelectronics AN3422 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
AN3422
Peripheral migration
Doc ID 018976 Rev 2
21/52
enable/disable, 64-bit access enable/disable...) or/and the PLL parameters
configuration:
a)
If the HSE or HSI is used directly as system clock source, in this case only the
Flash parameters should be modified.
b)
If PLL (clocked by HSE or HSI) is used as system clock source, in this case the
Flash parameters and PLL configuration need to be updated.
Table 7 below provides an example of porting a system clock configuration from F1 to L1
series:
STM32F105/7 Connectivity Line running at maximum performance: system clock
at 72 MHz (PLL, clocked by the HSE, used as system clock source), Flash with 2
wait states and Flash prefetch queue enabled.
L1 series running at maximum performance: system clock at 32 MHz (PLL,
clocked by the HSE, used as system clock source), Flash with 1 wait state, Flash
prefetch and 64-bit access enabled.
As shown in the table below, only the Flash settings and PLL parameters (code in Bold
Italic) need to be rewritten to run on L1 series. However, HSE, AHB prescaler and system
clock source configuration are left unchanged, and APB prescalers are adapted to the
maximum APB frequency in the L1 series.
Note:
1
The source code presented in the table below is intentionally simplified (time-out in wait loop
removed) and is based on the assumption that the RCC and Flash registers are at their
reset values.
2
For STM32L1xx you can use the clock configuration tool,
STM32L1xx_Clock_Configuration.xls, to generate a customized system_stm32l1xx.c file
containing a system clock configuration routine, depending on your application
requirements. For more information, refer to AN3309 “Clock configuration tool for
STM32L1xx microcontrollers”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com