Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 38 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 34Page - STMicroelectronics AN3422 Datasheet HTML 35Page - STMicroelectronics AN3422 Datasheet HTML 36Page - STMicroelectronics AN3422 Datasheet HTML 37Page - STMicroelectronics AN3422 Datasheet HTML 38Page - STMicroelectronics AN3422 Datasheet HTML 39Page - STMicroelectronics AN3422 Datasheet HTML 40Page - STMicroelectronics AN3422 Datasheet HTML 41Page - STMicroelectronics AN3422 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
Firmware migration using the library
AN3422
38/52
Doc ID 018976 Rev 2
5
Firmware migration using the library
This section describes how to migrate an application based on STM32F1xx Standard
Peripherals Library in order to use the STM32L1xx Standard Peripherals Library.
The STM32F1xx and STM32L1xx libraries have the same architecture and are CMSIS
compliant, they use the same driver naming and the same APIs for all compatible
peripheral.
Only a few peripheral drivers need to be updated to migrate the application from an F1
series to an L1 series product.
Note:
In the rest of this chapter (unless otherwise specified), the term “STM32L1xx Library” is
used to refer to the STM32L1xx Standard Peripherals Library and the term of “STM32F10x
Library” is used to refer to the STM32F10x Standard Peripherals Library.
5.1
Migration steps
To update your application code to run on STM32L1xx Library, you have to follow the steps
listed below:
5.
Update the toolchain startup files
a)
Project files: device connections and Flash memory loader. These files are
provided with the latest version of your toolchain that supports STM32L1xxx
devices. For more information please refer to your toolchain documentation.
b)
Linker configuration and vector table location files: these files are developed
following the CMSIS standard and are included in the STM32L1xx Library install
package under the following directory: Libraries\CMSIS\Device\ST\STM32L1xx.
6.
Add STM32L1xx Library source files to the application sources
a)
Replace the stm32f10x_conf.h file of your application with stm32l1xx_conf.h
provided in STM32L1xx Library.
b)
Replace the existing stm32f10x_it.c/stm32f10x_it.h files in your application with
stm32l1xx_it.c/stm32l1xx_it.h provided in STM32L1xx Library.
7.
Update the part of your application code that uses the RCC, PWR, GPIO, FLASH, ADC
and RTC drivers. Further details are provided in the next section.
Note:
The STM32L1xx Library comes with a rich set of examples (87 in total) demonstrating how
to use the different peripherals (under Project\STM32L1xx_StdPeriph_Examples\).
5.2
RCC
1.
System clock configuration: as presented in section 4.4: RCC the STM32L1 and F1
series have the same clock sources and configuration procedures. However, there are
some differences related to the product voltage range, PLL configuration, maximum
frequency and Flash wait state configuration. Thanks to the CMSIS layer, these
differences are hidden from the application code; you only have to replace the
system_stm32f10x.c file by system_stm32l1xx.c file. This file provides an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com