Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 15Page - STMicroelectronics AN3422 Datasheet HTML 16Page - STMicroelectronics AN3422 Datasheet HTML 17Page - STMicroelectronics AN3422 Datasheet HTML 18Page - STMicroelectronics AN3422 Datasheet HTML 19Page - STMicroelectronics AN3422 Datasheet HTML 20Page - STMicroelectronics AN3422 Datasheet HTML 21Page - STMicroelectronics AN3422 Datasheet HTML 22Page - STMicroelectronics AN3422 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
AN3422
Peripheral migration
Doc ID 018976 Rev 2
19/52
APB1
frequency
up to 36 MHz
up to 32 MHz
No change to SW configuration:
configuration bits
RCC_CFGR[PPRE1].
APB2
frequency
up to 72 MHz
up to 32 MHz
No change to SW configuration:
configuration bits
RCC_CFGR[PPRE2].
RTC clock
source
LSI, LSE or HSE/128
LSI, LSE or HSE clock
divided by 2, 4, 8 or 16
RTC clock source configuration
is done through the same bits
(RTCSE[1:0] and RTCEN) but
they are located in a different
register.
In L1 series the RTCSEL[1:0]
bits occupy bits
RCC_CSR[17:16] instead of bits
RCC_BDCR[9:8] in F1 series.
In L1 series the RTCEN bit
occupies bit RCC_CSR[22]
instead of bit RCC_BDCR[15] in
F1 series.
However, in L1 series when HSE
is selected as RTC clock source,
additional bits are used in CR
register, RCC_CR[RTCPRE], to
select the division factor to be
applied to HSE clock.
MCO clock
source
– MCO pin (PA8)
– Connectivity Line: HSI, HSE,
PLL/2, SYSCLK, PLL2, PLL3
or XT1
– Other product lines: HSI,
HSE, PLL/2 or SYSCLK
–MCO pin (PA8): SYSCLK,
HSI, HSE, PLLCLK, MSI,
LSE or LSI
With configurable prescaler,
1, 2, 4, 8 or 16 for each
output.
MCO configuration in L1 series
is different from F1:
– For MCO, the prescaler is
configured through bits
RCC_CFGR[MCOPRE] and
the selection of the clock to
output through bits
RCC_CFGR[MCOSEL]
Table 5.
RCC differences between STM32F1 and STM32L1 series (continued)
RCC main
features
STM32F1 series
STM32L1 series
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com