Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 8Page - STMicroelectronics AN3422 Datasheet HTML 9Page - STMicroelectronics AN3422 Datasheet HTML 10Page - STMicroelectronics AN3422 Datasheet HTML 11Page - STMicroelectronics AN3422 Datasheet HTML 12Page - STMicroelectronics AN3422 Datasheet HTML 13Page - STMicroelectronics AN3422 Datasheet HTML 14Page - STMicroelectronics AN3422 Datasheet HTML 15Page - STMicroelectronics AN3422 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
Peripheral migration
AN3422
12/52
Doc ID 018976 Rev 2
4
Peripheral migration
As shown in Table 3 on page 13, there are three categories of peripherals. The common
peripherals are supported with the dedicated firmware library without any modification,
except if the peripheral instance is no longer present, you can change the instance and of
course all the related features (clock configuration, pin configuration, interrupt/DMA
request).
The modified peripherals such as: FLASH, ADC, RCC, PWR, GPIO and RTC are different
from the F1 series ones and should be updated to take advantage of the enhancements and
the new features in L1 series.
All these modified peripherals in the L1 series are enhanced to obtain lower power
consumption, with features designed to meet new market requirements and to fix some
limitations present in the F1 series.
4.1
STM32 product cross-compatibility
The STM32 series embeds a set of peripherals which can be classed in three categories:
●
The first category is for the peripherals which are by definition common to all products.
Those peripherals are identical, so they have the same structure, registers and control
bits. There is no need to perform any firmware change to keep the same functionality at
the application level after migration. All the features and behavior remain the same.
●
The second category is for the peripherals which are shared by all products but have
only minor differences (in general to support new features), so migration from one
product to another is very easy and does not need any significant new development
effort.
●
The third category is for peripherals which have been considerably changed from one
product to another (new architecture, new features...). For this category of peripherals,
migration will require new development at application level.
Table 3 gives a general overview of this classification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com