Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 36 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 32Page - STMicroelectronics AN3422 Datasheet HTML 33Page - STMicroelectronics AN3422 Datasheet HTML 34Page - STMicroelectronics AN3422 Datasheet HTML 35Page - STMicroelectronics AN3422 Datasheet HTML 36Page - STMicroelectronics AN3422 Datasheet HTML 37Page - STMicroelectronics AN3422 Datasheet HTML 38Page - STMicroelectronics AN3422 Datasheet HTML 39Page - STMicroelectronics AN3422 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Peripheral migration
AN3422
36/52
Doc ID 018976 Rev 2
Low-power
modes
Sleep mode
Stop mode
Standby mode (1.8V domain powered-
off)
RUN Low Power
Sleep mode + peripherals automatic clock gating
Sleep Low Power mode + peripherals automatic clock
gating
Stop mode
Standby mode (VCORE domain powered off)
Note: To further reduce power consumption in Sleep
mode the peripheral clocks can be disabled prior to
executing the WFI or WFE instructions.
Wake-up
sources
Sleep mode
– Any peripheral interrupt/wakeup event
Stop mode
– Any EXTI line event/interrupt
Standby mode
– WKUP pin rising edge
–RTC alarm
– External reset in NRST pin
– IWDG reset
Sleep mode
– Any peripheral interrupt/wakeup event
Stop mode
– Any EXTI line event/interrupt
Standby mode
– WKUP pin rising edge
– RTC alarm A, RTC alarm B, RTC Wakeup, Tamper
event, TimeStamp event
– External reset in NRST pin
– IWDG reset
Configuration
NA
In L1 some additional bits were added:
– PWR_CR[ULP] used to switch off the VREFINT in
STOP and STANDBY modes.
– PWR_CR[FWU] used to ignore the VREFINT startup
time when exiting from low power modes.
– PWR_CR[VOS] used to select the product voltage
range.
– PWR_CR[LPRUN] used to select the RUN low power
mode.
– PWR_CSR[VREFINTRDY]: VREFTINT ready status
– PWR_CSR[VOSF]: Internal Regulator change status
– PWR_CSR[REGLP]: MCU is in Low power run mode
– PWR_CSR[EWUP2] and PWR_CSR[EWUP3]:
Wakeup Pin 2 and Wakeup Pin 3 Enable/Disable bits.
Table 14.
PWR differences between STM32F1 series and STM32L1 series (continued)
PWR
STM32F1 series
STM32L1 series
Color key:
= New feature or new architecture
= Same feature, but specification change or enhancement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com