Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 14Page - STMicroelectronics AN3422 Datasheet HTML 15Page - STMicroelectronics AN3422 Datasheet HTML 16Page - STMicroelectronics AN3422 Datasheet HTML 17Page - STMicroelectronics AN3422 Datasheet HTML 18Page - STMicroelectronics AN3422 Datasheet HTML 19Page - STMicroelectronics AN3422 Datasheet HTML 20Page - STMicroelectronics AN3422 Datasheet HTML 21Page - STMicroelectronics AN3422 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Peripheral migration
AN3422
18/52
Doc ID 018976 Rev 2
HSE
3 - 25 MHz
Depending on the product line
used
1 - 24 MHz
No change to SW configuration:
– Enable/disable
RCC_CR[HSEON]
– Status flag
RCC_CR[HSERDY]
LSE
32.768 kHz
32.768 kHz
LSE configuration/status bits are
now in RCC_CSR register.
– Enable/disable
RCC_CSR[LSEON]
– Status flag
RCC_CSR[LSERDY]
In L1 series the LSEON and
LSERDY bits occupy bits
RCC_CSR[9:8] respectively
instead of bit RCC_BDCR[1:0] in
F1 series.
PLL
– Connectivity line: main PLL +
2 PLLs for I2S, Ethernet and
OTG FS clock
– Other product lines: main
PLL
– Main PLL for system
There is no change to PLL
enable/disable
RCC_CR[PLLON] and status
flag RCC_CR[PLLRDY].
However, PLL configuration
(clock source selection,
multiplication/division factors)
are different. In L1 series
dedicated bits
RCC_CFGR[PLLDIV] are used
to configure the PLL divider
parameters and the PLL
multiplication factors are
different. The PLL sources are
only HSI and HSE.
System clock
source
HSI, HSE or PLL
MSI, HSI, HSE or PLL
No change to SW configuration:
– Selection bits
RCC_CFGR[SW]
– Status flag RCC_CFGR[SWS]
However there is one more
source, MSI, and the selection
bit meanings are different.
System clock
frequency
up to 72 MHz depending on the
product line used
8 MHz after reset using HSI
32 MHz
2 MHz after reset using MSI
For STM32L1 Flash wait states
should be adapted according to
the system frequency, the
product voltage range VCORE
and the supply voltage range
VDD.
AHB
frequency
up to 72 MHz
up to 32 MHz
No change to SW configuration:
configuration bits
RCC_CFGR[HPRE]
Table 5.
RCC differences between STM32F1 and STM32L1 series (continued)
RCC main
features
STM32F1 series
STM32L1 series
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com