Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 25Page - STMicroelectronics AN3422 Datasheet HTML 26Page - STMicroelectronics AN3422 Datasheet HTML 27Page - STMicroelectronics AN3422 Datasheet HTML 28Page - STMicroelectronics AN3422 Datasheet HTML 29Page - STMicroelectronics AN3422 Datasheet HTML 30Page - STMicroelectronics AN3422 Datasheet HTML 31Page - STMicroelectronics AN3422 Datasheet HTML 32Page - STMicroelectronics AN3422 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
AN3422
Peripheral migration
Doc ID 018976 Rev 2
29/52
4.7
GPIO
The STM32L1 GPIO peripheral embeds new features compared to F1 series, below the
main features:
●
GPIO mapped on AHB bus for better performance
●
I/O pin multiplexer and mapping: pins are connected to on-chip peripherals/modules
through a multiplexer that allows only one peripheral alternate function (AF) connected
to an I/O pin at a time. In this way, there can be no conflict between peripherals sharing
the same I/O pin.
●
More possibilities and features for I/O configuration
The L1 GPIO peripheral is a new design and thus the architecture, features and registers
are different from the GPIO peripheral in the F1 series, so any code written for the F1 series
using the GPIO needs to be rewritten to run on L1 series.
For more information about STM32L1’s GPIO programming and usage, please refer to the
"I/O pin multiplexer and mapping" section in the GPIO chapter of the STM32L1xx Reference
Manual (RM0038).
The table below presents the differences between GPIOs in the STM32F1 series and
STM32L1 series.
Table 11.
GPIO differences between STM32F1 series and STM32L1 series
GPIO
STM32F1 series
STM32L1 series
Input mode
Floating
PU
PD
Floating
PU
PD
General purpose
output
PP
OD
PP
PP + PU
PP + PD
OD
OD + PU
OD + PD
Alternate Function
output
PP
OD
PP
PP + PU
PP + PD
OD
OD + PU
OD + PD
Input / Output
Analog
Analog
Output speed
2 MHz
10 MHz
50 MHz
400KHz
2 MHz
10 MHz
40 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com