Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 31Page - STMicroelectronics AN3422 Datasheet HTML 32Page - STMicroelectronics AN3422 Datasheet HTML 33Page - STMicroelectronics AN3422 Datasheet HTML 34Page - STMicroelectronics AN3422 Datasheet HTML 35Page - STMicroelectronics AN3422 Datasheet HTML 36Page - STMicroelectronics AN3422 Datasheet HTML 37Page - STMicroelectronics AN3422 Datasheet HTML 38Page - STMicroelectronics AN3422 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
AN3422
Peripheral migration
Doc ID 018976 Rev 2
35/52
4.11
PWR
In STM32L1 series the PWR controller presents some differences vs. F1 series, these
differences are summarized in the table below. However, the programming interface is
unchanged.
Table 14.
PWR differences between STM32F1 series and STM32L1 series
PWR
STM32F1 series
STM32L1 series
Power supplies
1. VDD = 2.0 to 3.6 V: external power
supply for I/Os and the internal
regulator. Provided externally through
VDD pins.
2. VSSA, VDDA = 2.0 to 3.6 V: external
analog power supplies for ADC, DAC,
Reset blocks, RCs and PLL (minimum
voltage to be applied to VDDA is 2.4 V
when the ADC or DAC is used). VDDA
and VSSA must be connected to VDD
and VSS, respectively.
3. VBAT = 1.8 to 3.6 V: power supply for
RTC, external clock 32 kHz oscillator
and backup registers (through power
switch) when VDD is not present.
1. VDD = 1.8 V (at power on) or 1.65 V (at power down)
to 3.6 V when the BOR is available. VDD = 1.65 V to
3.6 V, when BOR is not available.
VDD is the external power supply for I/Os and internal
regulator. It is provided externally through VDD pins.
2. VCORE = 1.2 to 1.8 V
VCORE is the power supply for digital peripherals, SRAM
and Flash memory. It is generated by a internal voltage
regulator. Three VCORE ranges can be selected by
software depending on VDD.
3. VSSA, VDDA = 1.8 V (at power on) or 1.65 V (at power
down) to 3.6 V, when BOR is available and VSSA, VDDA =
1.65 to 3.6 V, when BOR is not available.
VDDA is the external analog power supply for ADC, DAC,
reset blocks, RC oscillators and PLL. The minimum
voltage to be applied to VDDA is 1.8 V when the ADC is
used.
4. VLCD = 2.5 to 3.6 V
The LCD controller can be powered either externally
through the VLCD pin, or internally from an internal
voltage generated by the embedded step-up converter.
Battery backup
domain
– Backup registers
–RTC
–LSE
– PC13 to PC15 I/Os
Note: in F1 series the Backup registers
are integrated in the BKP peripheral.
NA
RTC domain
NA
– RTC w/ backup registers
–LSE
– PC13 to PC15 I/Os
Note: in L1 series the backup registers are integrated in
the RTC peripheral
Power supply
supervisor
Integrated POR / PDR circuitry
Programmable Voltage Detector (PVD)
Integrated POR / PDR circuitry
Programmable voltage detector (PVD)
NA
Brownout reset (BOR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com