Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 34 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 30Page - STMicroelectronics AN3422 Datasheet HTML 31Page - STMicroelectronics AN3422 Datasheet HTML 32Page - STMicroelectronics AN3422 Datasheet HTML 33Page - STMicroelectronics AN3422 Datasheet HTML 34Page - STMicroelectronics AN3422 Datasheet HTML 35Page - STMicroelectronics AN3422 Datasheet HTML 36Page - STMicroelectronics AN3422 Datasheet HTML 37Page - STMicroelectronics AN3422 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Peripheral migration
AN3422
34/52
Doc ID 018976 Rev 2
Number of
channels
up to 21 channels
up to 42 Channels
Resolution
12-bit
12-bit
Conversion Modes
Single / continuous / Scan / Discontinuous /
Dual Mode
Single / continuous / Scan / Discontinuous
DMA
Yes
Yes
External Trigger
Yes
Yes
External event for
regular group
For ADC1 and ADC2:
TIM1 CC1
TIM1 CC2
TIM1 CC3
TIM2 CC2
TIM3 TRGO
TIM4 CC4
EXTI line 11 /
TIM8_TRGO
For ADC3:
TIM3 CC1
TIM2 CC3
TIM1 CC3
TIM8 CC1
TIM8 TRGO
TIM5 CC1
TIM5 CC3
External event for
injected group
For ADC1 and ADC2:
TIM1 TRGO
TIM1 CC4
TIM2 TRGO
TIM2 CC1
TIM3 CC4
TIM4 TRGO
EXTI line15 /
TIM8_CC4
For ADC3:
TIM1 TRGO
TIM1 CC4
TIM4 CC3
TIM8 CC2
TIM8 CC4
TIM5 TRGO
TIM5 CC4
External event for
regular group
TIM9_CC2
TIM9_TRGO
TIM2_CC3
TIM2_CC2
TIM3_TRGO
TIM4_CC4
TIM2_TRGO
TIM3_CC1
TIM3_CC3
TIM4_TRGO
TIM6_TRGO
EXTI line11
External event for
injected group
TIM9_CC1
TIM9_TRGO
TIM2_TRGO
TIM2_CC1
TIM3_CC4
TIM4_TRGO
TIM4_CC1
TIM4_CC2
TIM4_CC3
TIM10_CC1
TIM7_TRGO
EXTI line15
Supply requirement
2.4 V to 3.6 V
1.8 V to 3.6 V
Input range
VREF- <= VIN <= VREF+
VREF- <= VIN <= VREF+
Table 13.
ADC differences between STM32F1 series and STM32L1 series (continued)
ADC
STM32F1 series
STM32L1 series
Color key:
= Same feature, but specification change or enhancement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com