Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3422 Datasheet(PDF) 50 Page - STMicroelectronics

Part # AN3422
Description  Migration of microcontroller applications from STM32F1 to STM32L1 series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3422 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button AN3422 Datasheet HTML 44Page - STMicroelectronics AN3422 Datasheet HTML 45Page - STMicroelectronics AN3422 Datasheet HTML 46Page - STMicroelectronics AN3422 Datasheet HTML 47Page - STMicroelectronics AN3422 Datasheet HTML 48Page - STMicroelectronics AN3422 Datasheet HTML 49Page - STMicroelectronics AN3422 Datasheet HTML 50Page - STMicroelectronics AN3422 Datasheet HTML 51Page - STMicroelectronics AN3422 Datasheet HTML 52Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 50 / 52 page
background image
Firmware migration using the library
AN3422
50/52
Doc ID 018976 Rev 2
5.8
Backup data registers
In STM32F1 series the Backup data registers are managed through the BKP peripheral,
while in L1 series they are a part of the RTC peripheral (there is no BKP peripheral).
The example below shows how to write to/read from Backup data registers in STM32F1
series:
uint16_t BKPdata = 0;
...
/* Enable APB2 interface clock for PWR and BKP */
RCC_APB1PeriphClockCmd(RCC_APB1Periph_PWR | RCC_APB1Periph_BKP, ENABLE);
/* Enable write access to Backup domain */
PWR_BackupAccessCmd(ENABLE);
/* Write data to Backup data register 1 */
BKP_WriteBackupRegister(BKP_DR1, 0x3210);
/* Read data from Backup data register 1 */
BKPdata = BKP_ReadBackupRegister(BKP_DR1);
In L1 series you have to update this code as follows:
uint16_t BKPdata = 0;
...
/* PWR Clock Enable */
RCC_APB1PeriphClockCmd(RCC_APB1Periph_PWR, ENABLE);
/* Enable write access to RTC domain */
PWR_RTCAccessCmd(ENABLE);
/* Write data to Backup data register 1 */
RTC_WriteBackupRegister(RTC_BKP_DR1, 0x3220);
/* Read data from Backup data register 1 */
BKPdata = RTC_ReadBackupRegister(RTC_BKP_DR1);
The main changes in the source code in L1 series vs. F1 are described below:
1.
There is no BKP peripheral
2.
Write to/read from Backup data registers are done through RTC driver
3.
Backup data registers naming changed from BKP_DRx to RTC_BKP_DRx, and
numbering starts from 0 instead of 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com