Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 10 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 6Page - STMicroelectronics UM0193 Datasheet HTML 7Page - STMicroelectronics UM0193 Datasheet HTML 8Page - STMicroelectronics UM0193 Datasheet HTML 9Page - STMicroelectronics UM0193 Datasheet HTML 10Page - STMicroelectronics UM0193 Datasheet HTML 11Page - STMicroelectronics UM0193 Datasheet HTML 12Page - STMicroelectronics UM0193 Datasheet HTML 13Page - STMicroelectronics UM0193 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Hardware
UM0193
10/35
1.7
General purpose connectors
The ARMIC30 Evaluation Board provides two 8-bit general purpose I/O connectors (J17
and J27) and three general purpose motor control connectors (J20, J22 and J24) that can
be used with current or future extension modules included in STMicroelectronics’ offer
(VN340 / VN808 / VN808CM Reference design boards, CLT3-4BT6 / PCLT-2A test boards,
PowerSpin family of motor control drivers evaluation boards, etc.) or other applications
developed by customers.
1.7.1
General purpose input connector
Jumpers J16 and J25 configure the supply voltage for the 8-bit input connector as described
in Appendix C: Jumper settings. The GP input connector is compatible with Current Limited
Termination (CLT) and Programmable Current Limited Termination (PCLT) applications.
Figure 11.
GPIO input connector pinout
Table 8.
8-bit Input GPIO Connections
J17 Pin
Signal
STR730F MCU
Peripheral
1
+5V DC connected by jumper J16
2
GND connected by jumper J25
3
D7
Port 0.7
GPIO
4
D6
Port 0.6
GPIO
5
D5
Port 0.5
GPIO
6
D4
Port 0.4
GPIO
7
D3
Port 0.3
GPIO
8
D2
Port 0.2
GPIO
9
D1
Port 0.1
GPIO
10
D0
Port 0.0
GPIO
1
2
3
4
5
6
7
8
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com