Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 25Page - STMicroelectronics UM0193 Datasheet HTML 26Page - STMicroelectronics UM0193 Datasheet HTML 27Page - STMicroelectronics UM0193 Datasheet HTML 28Page - STMicroelectronics UM0193 Datasheet HTML 29Page - STMicroelectronics UM0193 Datasheet HTML 30Page - STMicroelectronics UM0193 Datasheet HTML 31Page - STMicroelectronics UM0193 Datasheet HTML 32Page - STMicroelectronics UM0193 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
UM0193
Jumper settings
29/35
Appendix C
Jumper settings
Table 15 describes the jumper settings for the ARMIC30 Evaluation Board.
Table 15.
ARMIC30 jumper settings
Jumper
Function
Description
J32
+5V DC application voltage supply to
DC/DC converter (U6)
When pins 1 and 2 are connected, the +5V DC
voltage supply is connected.
Otherwise, it is disconnected.
J33
+3.3V DC application part supplying
connection to DC/DC converter (U6)
reference pin or linear voltage regulator
(U7)
When pins 1 and 2 are connected, the DC/DC
converter (U6) reference pin supplies the 3.3V
application part voltage.
When pins 2 and 3 are connected, the linear
voltage regulator (U7) supplies the 3.3V
application part voltage.
J34
GND test point
Both sides are connected to GND.
J5
MCU Boot mode selection (M0 pin)(1)
When pins 1 and 2 are connected, the M0 pin is
connected permanently to GND.
When pins 2 and 3 are connected, the M0 pin is
connected permanently to +5V DC.
J6
MCU Boot mode selection (M1 pin)(1)
When pins 1 and 2 are connected, the M1 pin is
connected permanently to GND.
When pins 2 and 3 are connected, the M1 pin is
connected to +5V DC during a microcontroller
reset. After a reset, it is tied to GND.
J35
RS-232 loop selection
When pins 1 and 2 are connected, the RS-232 is
in Loop mode and the Rx and Tx lines are
connected together (for hardware or software
testing).
Otherwise, the RS-232 connection is in Normal
mode
J10 and
J13
RS-485 bus termination
When pins 1 and 2 are connected, the RS-485
bus is terminated. (Node is at the end of the RS-
485 bus.)(2)
Otherwise, the RS-485 bus is unterminated.
J14
CAN channel termination
When pins 1 and 2 are connected, the CAN bus
is terminated. (3)
Otherwise, the CAN bus is unterminated.
J19, J21
and J23
+5V DC connection (to pin number 1 of
corresponding general purpose / motor
control connector)
When pins 1 and 2 are connected, the
corresponding +5V DC supply is connected.
Otherwise, it is disconnected.
J16
+5V DC connection to pin number 1 of
the 8-bit Input/General Purpose
connector (J17)
When pins 1 and 2 are connected, the +5V DC
supply is connected.
Otherwise, it is disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com