Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 14Page - STMicroelectronics UM0193 Datasheet HTML 15Page - STMicroelectronics UM0193 Datasheet HTML 16Page - STMicroelectronics UM0193 Datasheet HTML 17Page - STMicroelectronics UM0193 Datasheet HTML 18Page - STMicroelectronics UM0193 Datasheet HTML 19Page - STMicroelectronics UM0193 Datasheet HTML 20Page - STMicroelectronics UM0193 Datasheet HTML 21Page - STMicroelectronics UM0193 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Electrical specifications and timings
UM0193
18/35
3
Electrical specifications and timings
Table 12.
ARMIC30 evaluation board technical data
Parameter
Conditions
Min.
Typ.
Max.
Unit
Recommended board supply voltage range
From connector J30
From connector J31
7
6
30
30
V DC
Complete application power consumption (1)(2)
Run mode w/out Load,
VS = 24V DC applied to J31,
fCPU = 36 MHz
26
624
mA
mW
1.
This value is not accurate and is for information only. MCU peripherals are not initialized and their pins supplied with static
values. Program is running from internal Flash memory, working in an endless loop, performing only a branch instruction.
All microcontroller peripherals are disabled, CMU is on and PLL is on.
2.
Power consumption is measured with a 24V DC supply from J31 connector.
Table 13.
ARMIC30 GPIO technical data
Parameter
Conditions
Min.
Typ.
Max.
Unit
Input Low Level
-0.3
0.8
V DC
Input High Level
2
5.3
Output Low Level
Push Pull, IOL = 2mA
0
0.4
V DC
Output High Level
Push Pull, IOH = 2mA
4.2
5
Table 14.
ARMIC30 bus interface data
Parameter
Conditions
Min.
Typ.
Max.
Unit
RS-232 channel speed
230
Kbps
RS-485 channel speed
30
Mbps
CAN channel speed
1Mbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com