Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 20Page - STMicroelectronics UM0193 Datasheet HTML 21Page - STMicroelectronics UM0193 Datasheet HTML 22Page - STMicroelectronics UM0193 Datasheet HTML 23Page - STMicroelectronics UM0193 Datasheet HTML 24Page - STMicroelectronics UM0193 Datasheet HTML 25Page - STMicroelectronics UM0193 Datasheet HTML 26Page - STMicroelectronics UM0193 Datasheet HTML 27Page - STMicroelectronics UM0193 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
ARMIC30 schematic diagrams
UM0193
24/35
Appendix B
ARMIC30 schematic diagrams
This section uses schematic diagrams to summarize the ARMIC30 Evaluation Board PCB.
Figure 23.
Power supply schematic
Power Supply
5V_TP
5V_TP
5V
3V3
5V
5V
5V
5V
5V
STPS340U
D7
STPS340U
D7
1
2
J34
JUMPER 100mil
J34
JUMPER 100mil
D8
SM6T33A
D8
SM6T33A
C33
10uF
35V
C33
10uF
35V
+
C34
100uF
16V
+
C34
100uF
16V
1
2
J32
JUMPER 100mil
J32
JUMPER 100mil
Vin
8
SYNC
2
FB
5
OUT
1
U6
L5973AD
U6
L5973AD
+
C39
2M2/16V
+
C39
2M2/16V
C38
100n
C38
100n
R38
3k9
R38
3k9
+
C43
10M/16V
+
C43
10M/16V
+
C40
10M/16V
+
C40
10M/16V
R39
6k2
R39
6k2
D13
LED red 1206
D13
LED red 1206
C36
22nF
C36
22nF
+
C42
10M/16V
+
C42
10M/16V
C37
100n
C37
100n
R37
12k
R37
12k
1
3
J33
JMP3
J33
JMP3
L1
33uH
L1
33uH
R44
1k5
R44
1k5
1
2
J31
24V Terminal Block
J31
24V Terminal Block
+
C41
10M/16V
+
C41
10M/16V
C35
100pF
C35
100pF
1
2
3
J30
PS CON
J30
PS CON
VOUT
3
VIN
1
U7
LF33/DPAK
U7
LF33/DPAK
STPS340U
D6
STPS340U
D6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com