Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 27Page - STMicroelectronics UM0193 Datasheet HTML 28Page - STMicroelectronics UM0193 Datasheet HTML 29Page - STMicroelectronics UM0193 Datasheet HTML 30Page - STMicroelectronics UM0193 Datasheet HTML 31Page - STMicroelectronics UM0193 Datasheet HTML 32Page - STMicroelectronics UM0193 Datasheet HTML 33Page - STMicroelectronics UM0193 Datasheet HTML 34Page - STMicroelectronics UM0193 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Bill of materials
UM0193
32/35
22
1
J11
1 pin strip header -
single in line
2.54mm pitch
Not
Assembled,
THT
23
1
J12
9 pin D-Sub socket
THT
24
3
J17, J18 and J28
10 pin box header -
dual in line with lock
2.54x2.54mm pitch
THT
25
3
J20, J22 and J24
34 pin box header -
dual in line with lock
2.54x2.54mm pitch
THT
26
1
J27
14 pin box header -
dual in line with lock
2.54x2.54mm pitch
THT
27
1
J30
2.1mm coaxial
power supply
connector
THT
28
1
J31
2-pin terminal block
with 5.08mm pitch
THT
29
1
L1
33uH
SMD
Würth
Elektronik
74456133
30
7
R1, R2, R3, R23, R29, R30 and
R35
0
Ω
SMD 0805
31
2
R32 and R34
0
Ω
Not
Assembled,
SMD 0805
32
1
R4
1.3M
Ω
SMD 0805
33
2
R5 and R8
1k
Ω
SMD 0805
34
1
R6
1.5M
Ω
SMD 0805
35
1
R7
4.7k
Ω
SMD 0805
36
1
R9
3.3k
Ω
SMD 0805
37
1
R10
47k
Ω
SMD 0805
38
3
R11, R15 and R16
10k
Ω
Not
Assembled,
SMD 0805
39
8
R12, R13, R14, R18, R19, R20,
R21 and R22
10k
Ω
SMD 0805
40
1
R17
430
Ω
SMD 0805
41
3
R24, R31 and R36
100k
Ω
SMD 1206
42
2
R25 and R28
390
Ω
SMD 1206
43
1
R26
220
Ω
SMD 1206
44
1
R27
390
Ω
SMD 0805
Table 16.
Bill of materials (continued)
ID
Qty
Reference
Value
Type
Mftr/Dist
Order Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com