Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 33 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 27Page - STMicroelectronics UM0193 Datasheet HTML 28Page - STMicroelectronics UM0193 Datasheet HTML 29Page - STMicroelectronics UM0193 Datasheet HTML 30Page - STMicroelectronics UM0193 Datasheet HTML 31Page - STMicroelectronics UM0193 Datasheet HTML 32Page - STMicroelectronics UM0193 Datasheet HTML 33Page - STMicroelectronics UM0193 Datasheet HTML 34Page - STMicroelectronics UM0193 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
UM0193
Bill of materials
33/35
45
1
R33
120
Ω
SMD 1206
46
1
R37
12k
Ω
SMD 0805
47
1
R38
3.9k
Ω
SMD 0805
48
1
R39
6.2k
Ω
SMD 0805
49
5
R40, R41, R42, R43 and R44
1.5k
Ω
SMD 0805
50
1
SW1
Push-button switch
THT
Farnell
176-432
51
1
T1
BC847C
SMD SOT23
52
1
U1
STR730F
SMD
ST
STR730FZ2T7
53
1
U2
STM811
SMD
SOT143-4
ST
STM811LW16
F
54
1
U3
RS-232 Transceiver SMD
ST
ST202EBTR
55
1
U4
RS-485 Transceiver SMD
ST
ST485ABDR
56
1
U5
High-Speed CAN
Bus Transceiver
SMD
ST
L9616
57
1
U6
L5973AD
SMD
ST
L5973AD
58
1
U7
LF33
SMD DPAK
ST
LF33ABDT-TR
59
1
Y1
8-MHz crystal
oscillator with
4.88mm pitch
THT
Table 16.
Bill of materials (continued)
ID
Qty
Reference
Value
Type
Mftr/Dist
Order Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com