Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 27Page - STMicroelectronics UM0193 Datasheet HTML 28Page - STMicroelectronics UM0193 Datasheet HTML 29Page - STMicroelectronics UM0193 Datasheet HTML 30Page - STMicroelectronics UM0193 Datasheet HTML 31Page - STMicroelectronics UM0193 Datasheet HTML 32Page - STMicroelectronics UM0193 Datasheet HTML 33Page - STMicroelectronics UM0193 Datasheet HTML 34Page - STMicroelectronics UM0193 Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
UM0193
Bill of materials
31/35
Appendix D
Bill of materials
Table 16.
Bill of materials
ID
Qty
Reference
Value
Type
Mftr/Dist
Order Code
134
C1, C2, C3, C4, C5, C6, C7, C8,
C9, C10, C11, C16, C18, C19,
C20, C21, C22, C24, C25, C27,
C29, C30, C31, C32, C37, C38,
C44, C45, C46, C47, C48, C49,
C50 and C51
100nF ceramic
SMD 0805
2
1
C12
10nF ceramic
SMD 0805
3
2
C13 and C39
2.2uF/16V
electrolytic tantalum
SMD B
4
2
C14 and C15
15pF ceramic
SMD 0805
5
1
C17
1nF ceramic
SMD 0805
6
3
C23, C26 and C28
4.7nF/500V ceramic SMD 1206
7
1
C33
10uF/35V ceramic
SMD 1210
IN Electronics
KOND 1210
10uF 35V Y5V
Taiyo
81
C34
100uF/16V
electrolytic tantalum
SMD D
9
1
C35
100pF ceramic
SMD 0805
10
1
C36
22nF ceramic
SMD 0805
11
5
C40, C41, C42, C43 and C52
10uF/16V
electrolytic tantalum
SMD B
12
4
D1, D3, D4 and D5
BAT54A
SMD SOT23
ST
BAT54AFILM
13
1
D2
BZX84C3V3
SMD SOT23
14
2
D6 and D7
STPS340U
SMD DO214
ST
STPS340U
15
1
D8
SM6T33A
SMD DO214
ST
SM6T33A
16
5
D9, D10, D11, D12 and D13
LED - green 1206
SMD 1206
17
4
J1, J2, J3 and J4
40-pin strip header -
dual in line
2.54x2.54mm pitch
THT
18
3
J5, J6 and J33
3-pin strip header -
single in line
2.54mm pitch
THT
19
1
J7
20-pin box header -
dual in line with lock
2.54x2.54mm pitch
THT
20
2
J8 and J15
9-pin D-Sub plug
THT
21
13
J10, J13, J14, J16, J19, J21, J23,
J25, J26, J29, J32, J34 and J35
2-pin strip header -
single in line
2.54mm pitch
THT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com