Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 5 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 5 Page - STMicroelectronics

  UM0193 Datasheet HTML 1Page - STMicroelectronics UM0193 Datasheet HTML 2Page - STMicroelectronics UM0193 Datasheet HTML 3Page - STMicroelectronics UM0193 Datasheet HTML 4Page - STMicroelectronics UM0193 Datasheet HTML 5Page - STMicroelectronics UM0193 Datasheet HTML 6Page - STMicroelectronics UM0193 Datasheet HTML 7Page - STMicroelectronics UM0193 Datasheet HTML 8Page - STMicroelectronics UM0193 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
UM0193
Hardware
5/35
1.2
RS-485 interface
The ST485A Transceiver ensures RS-485 communication through the UART1 serial
channel of the STR730F microcontroller as shown in Figure 5.
The maximum speed of this interface is greater than 30 Mbps.
A female, 9-pin D-Sub connector (J12) provides the RS-485 connection using a standard
Profibus pinout.
The RS-485 channel can be terminated using jumpers J10 and J13 as described in
Appendix C: Jumper settings. Terminating resistors R25, R26 and R28 are selected for a
Type-A Profibus DP cable as shown in Figure 5. These resistors can be replaced with
different values depending on the physical layer implemented.
Figure 5.
RS-485 schematic diagram
Table 2.
RS-485 Connections
J12 Pin
Signal
STR730F MCU
Peripheral
RxD (Receive Data)
Port 2.9
UART1
TxD (Transmit Data)
Port 2.8
UART1
DE (Driver Enable)
Port 2.10
UART1
5GND
1, 2, 4, 7 and 9
Not connected
Shielding
Connected to GND by R31 || C26 (100 k
Ω || 4.7 nF)
Ai11694
5V
5V
5V
5V
TxD485
RxD485
nDE485
R26 220R
NA
R2 220R
NA
R30 0R
R30 0R
1
2
J10
J10
R28
390R
NA
R28
390R
NA
1
2
J13
J13
R29 0R
R29 0R
J11
J11
R27
390R
R27
390R
1
2
3
4
5
6
7
8
9
M1
M2
J12
J12
RO
1
DI
4
GND 5
VCC 8
RE
2
DE
3
A 6
B 7
U4
ST485A
4
ST485A
R31 M1
R31 M1
C25
100n
C25
100n
R25
390R
NA
R25
390R
NA
C26
4n7/500V
C26
4n7/500V
DSUB9 - Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com