Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 26Page - STMicroelectronics UM0193 Datasheet HTML 27Page - STMicroelectronics UM0193 Datasheet HTML 28Page - STMicroelectronics UM0193 Datasheet HTML 29Page - STMicroelectronics UM0193 Datasheet HTML 30Page - STMicroelectronics UM0193 Datasheet HTML 31Page - STMicroelectronics UM0193 Datasheet HTML 32Page - STMicroelectronics UM0193 Datasheet HTML 33Page - STMicroelectronics UM0193 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Jumper settings
UM0193
30/35
J25
GND connection to pin number 2 of the
8-bit Input/General Purpose connector
(J17)
When pins 1 and 2 are connected, the GND
supply is connected.
Otherwise, it is disconnected.
J26
+5V DC connection to pin number 1 of
the 8-bit Output/General Purpose
connector (J27)
When pins 1 and 2 are connected, the +5V DC
supply is connected.
Otherwise, it is disconnected.
J29
GND connection to pin number 2 of the
8-bit Output/General Purpose
connector (J27)
When pins 1 and 2 are connected, the GND
supply is connected.
Otherwise, it is disconnected.
1.
For detailed information about Boot Selection modes, please refer to STR730 Reference Manual.
2.
Please check the termination resistors values (R25, R26 and R28) for your RS-485 physical layer.
3.
CAN bus is terminated by resistor R33 (120
Ω).
Table 15.
ARMIC30 jumper settings (continued)
Jumper
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com