Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 9Page - STMicroelectronics UM0193 Datasheet HTML 10Page - STMicroelectronics UM0193 Datasheet HTML 11Page - STMicroelectronics UM0193 Datasheet HTML 12Page - STMicroelectronics UM0193 Datasheet HTML 13Page - STMicroelectronics UM0193 Datasheet HTML 14Page - STMicroelectronics UM0193 Datasheet HTML 15Page - STMicroelectronics UM0193 Datasheet HTML 16Page - STMicroelectronics UM0193 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
UM0193
Hardware
13/35
1.8
LED indicators
The ARMIC30 Evaluation Board includes an LED (D13) indicating a the presence of the +5V
DC supply voltage and four additional LEDs (D9, D10, D11 and D12). These four LEDs can
be individually configured through the STR730F MCU as described in Table 11.
Figure 14.
LED schematic diagram
Table 11.
LED Connections
LED
STR730F MCU
Peripheral
D9
Port 4.9
GPIO
D10
Port 4.10
GPIO
D11
Port 4.11
GPIO
D12
Port 4.12
GPIO
+5V DC
Rx
1.5 k
Dx
Green LED
Port 4.x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com