Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 10Page - STMicroelectronics UM0193 Datasheet HTML 11Page - STMicroelectronics UM0193 Datasheet HTML 12Page - STMicroelectronics UM0193 Datasheet HTML 13Page - STMicroelectronics UM0193 Datasheet HTML 14Page - STMicroelectronics UM0193 Datasheet HTML 15Page - STMicroelectronics UM0193 Datasheet HTML 16Page - STMicroelectronics UM0193 Datasheet HTML 17Page - STMicroelectronics UM0193 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Hardware
UM0193
14/35
1.9
Power supplies
The L5973AD DC/DC converter (U6) supplies the ARMIC30 Evaluation Board with a +5V
DC voltage supply using feedback resistors (R37 and R38) as shown in Figure 15. A green
LED (D13) lights up when this supply is present.
An additional +3.3V DC linear voltage regulator (U7) connected in cascade to the DC/DC
converter output can be used to supply the JTAG connector and level converting resistors
with a +3.3V DC supply voltage. Use jumper J33 to select either a DC/DC reference voltage
or a linear regulator as described in Section 1.6.1: JTAG supply voltages and Appendix C:
Jumper settings.
Connectors J30 or J31 provide the ARMIC30 Evaluation Board power supplies. Connector
J30 includes a polarity protection diode and is suitable for use with a standard mains
adapter having an output voltage range between +7 and +30V DC. Connector J31 is
connected directly to the DC/DC converter input which is over-voltage protected by a transil
diode (D8) for a recommended supply voltage range between +6 and +30V DC. The
ARMIC30 Evaluation Board clearly indicates the power supply polarity.
Figure 15.
Power supply schematic diagram
5V_TP
5V
3V3
5V
5V
5V
5V
1
2
J34
J34
STPS340U
D7
STPS340U
D7
+
Vin
8
SYNC
2
FB
5
OUT
1
U6
U6
1
2
J32
J32
+
R38
3k9
R38
3k9
C38
100n
C38
100n
+
+
R39
6k2
R39
6k2
C36
22nF
C36
22nF
C37
100n
C37
100n
+
1
3
J33
J33
R37
12k
R37
12k
L1
L1
1
2
1
2
3
C35
100pF
C35
100pF
+
VOUT
3
VIN
1
Ai12503
C43
10M/16V
C42
10M/16V
C41
10M/16V
C40
10M/16V
LF33/DPAK
U7
C34
100 µF
16V
5V_TP
33 µH
C33
10 µF
35V
D8
SM6T33A
D6
STPS340U
J30
PS CON
J31
24V Terminal Block
L5973AD
C39
2M2/16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com