Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0193 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0193
Description  Getting Started with the ARMIC30 Evaluation Board
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0193 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0193 Datasheet HTML 24Page - STMicroelectronics UM0193 Datasheet HTML 25Page - STMicroelectronics UM0193 Datasheet HTML 26Page - STMicroelectronics UM0193 Datasheet HTML 27Page - STMicroelectronics UM0193 Datasheet HTML 28Page - STMicroelectronics UM0193 Datasheet HTML 29Page - STMicroelectronics UM0193 Datasheet HTML 30Page - STMicroelectronics UM0193 Datasheet HTML 31Page - STMicroelectronics UM0193 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
ARMIC30 schematic diagrams
UM0193
28/35
Figure 27.
MCU schematic
GND
5V
P1.14
P1.15
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
M0
nRST
M1
5V
GND
XTAL1
XTAL2
GND
P2.8
P2.9
P2.10
P2.11
P2.12
P2.13
P2.14
P2.15
TEST
VBIAS
GND
5V
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
GND
5V
P1.14
P1.15
P2.0
P2.1
P2.2
P2.3
P2.4
P2.5
P2.6
P2.7
M0
nRST
M1
5V
GND
XTAL1
XTAL2
GND
P2.8
P2.9
P2.10
P2.11
P2.13
P2.14
P2.15
TEST
VBIAS
GND
5V
P3.0
P3.1
P3.2
P3.3
P3.4
P3.5
5V
GND
5V
GND
P4.15
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
P5.8
P5.9
P5.10
P5.11
P5.12
P5.13
P5.14
P5.15
1V8
GND
5V
P6.0
P6.1
P6.2
P6.3
P6.4
P6.5
P6.6
P6.7
P6.8
P6.9
P6.10
P6.11
P6.12
P6.13
P6.14
P6.15
P4.15
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
P5.8
P5.9
P5.10
P5.11
P5.12
P5.13
P5.14
P5.15
1V8
GND
5V
P6.0
P6.1
P6.2
P6.3
P6.4
P6.5
P6.6
P6.7
P6.8
P6.9
P6.10
P6.11
P6.12
P6.13
P6.14
P6.15
P2.12
TEST
VBIAS
XTAL2
XTAL1
M1
M0
nRST
RxD 232
TxD 232
RxD 485
TxD 485
nDE 485
MISO SPI
MOSI SPI
SCK SPI
nSS0 SPI
SCL I2C
SDA I2C
TxD CAN
RxD CAN
P5.12
P5.13
P5.14
P5.15
P6.0
P6.1
P6.2
P6.10
P5.11
P5.10
P5.9
P5.8
P5.7
P5.6
P5.5
ASC CAN
PWM0
PWM1
PWM2
PWM3
PWM4
PWM5
GP2 I2C
GP1 I2C
GP0 I2C
P2.12
P2.13
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
WUP12 / CAN0RX / P1.14
37
CAN0TX / P1.15
38
PWM0 / P2.0
39
WUP13 / CAN1RX / P2.1
40
CAN1TX / P2.2
41
XTAL1
52
XTAL2
53
PWM1 / P2.3
42
PWM2 / P2.4
43
PWM3 / P2.5
44
PWM4 / P2.6
45
PWM5 / P2.7
46
TDO1 / P2.8
55
M0
47
WUP16 / P2.10
57
WUP17 / P2.11
58
INT14 / P2.12
59
INT15 / P2.13
60
WUP15 / SCL0 / P2.14
61
SDA0 / P2.15
62
AIN0 / P3.0
67
AIN1 / P3.1
68
AIN2 / P3.2
69
AIN3 / P3.3
70
AIN4 / P3.4
71
AIN5 / P3.5
72
M1
49
VSS
65
VDD
50
VDD
66
VSS
51
P5.4 / SS2
114
P5.5 / SCK2 / WUP23
115
P4.15 / SCK1 / WUP22
109
P5.0 / MOSI1
110
P5.1 / MISO1
111
P5.2 / OCMPA9
112
P5.3 / OCMPB9
113
P5.9 / INT7
119
P5.10 / RDI2 / INT8
120
P5.11 / TDO2 / INT9
121
P5.12 / INT10
122
P5.13 / INT11
123
P5.14 / INT12
124
P5.15 / INT13
125
P6.0 / WUP0
129
P6.1 / WUP1
130
P6.2 / RDI3 / WUP2
131
P6.3 / WUP3
132
P6.4 / TDO3 / WUP4
133
P6.5 / WUP5
134
P6.6 / WUP6
135
P6.7 / WUP7
136
P6.9 / TDO0
138
P6.10 / WUP8
139
P6.11 / MISO0
140
P6.12 / MOSI0
141
P6.13 / SCK0 / WUP11
142
P6.15 / WUP9
144
WUP14 / RDI1 / P2.9
56
P5.8 / INT6
118
P6.8 / RDI0 / WUP10
137
P6.14 / SS0
143
RSTIN
48
VDD
128
VSS
127
VSS
54
TEST
63
VBIAS
64
V18
126
P5.6 / MOSI2
116
P5.7 / MISO2
117
STR730F
Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com