Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 67 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 63Page - STMicroelectronics UM0324 Datasheet HTML 64Page - STMicroelectronics UM0324 Datasheet HTML 65Page - STMicroelectronics UM0324 Datasheet HTML 66Page - STMicroelectronics UM0324 Datasheet HTML 67Page - STMicroelectronics UM0324 Datasheet HTML 68Page - STMicroelectronics UM0324 Datasheet HTML 69Page - STMicroelectronics UM0324 Datasheet HTML 70Page - STMicroelectronics UM0324 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 105 page
background image
UM0324
Library functions
67/105
Park
Rev_Park
Synopsis
Curr_Components Park (Curr_Components Curr_Input, s16 Theta)
Description
The purpose of this function is to transform stator currents iα and iβ,
which belong to a stationary qd reference frame, to a rotor flux
synchronous reference frame (properly oriented), so as to obtain iqs
and ids.
See Section 4.5.3 for details.
Input
Stator currents iα and iβ (in q1.15 format) as members of the variable
Curr_Input, which is a structure of type Curr_Components; rotor flux
angle
θλr (65536 pulses per revolution).
Returns
Stator currents iqs and ids (in q1.15 format) as members of a
structure of type Curr_Components.
Functions called
mul_q15_q15_q31
Synopsis
Volt_Components Rev_Park (Volt_Components Volt_Input)
Description
This function transforms stator voltage vq and vd, belonging to a
rotor flux synchronous rotating frame, to a stationary reference
frame, so as to obtain vα and vβ.
See Section 4.5.3 for details.
Input
Stator voltages vqs and vds (in q1.15 format) as members of the
variable Volt_Input, which is a structure of type Volt_Components.
Returns
Stator voltages vα and vβ (in q1.15 format) as members of a
structure of type Volt_Components.
Functions called
mul_q15_q15_q31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com