Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 35 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 31Page - STMicroelectronics UM0324 Datasheet HTML 32Page - STMicroelectronics UM0324 Datasheet HTML 33Page - STMicroelectronics UM0324 Datasheet HTML 34Page - STMicroelectronics UM0324 Datasheet HTML 35Page - STMicroelectronics UM0324 Datasheet HTML 36Page - STMicroelectronics UM0324 Datasheet HTML 37Page - STMicroelectronics UM0324 Datasheet HTML 38Page - STMicroelectronics UM0324 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 105 page
background image
UM0324
Library functions
35/105
4
Library functions
4.1
Function description conventions
Functions are described in the format given below:
Some of these sections may not be included if not applicable (for example, no parameters or
obvious use).
4.2
Current reading in three shunt resistor topology and space
vector PWM generation: 75x_svpwm_3shunt module
4.2.1
Overview
Two important tasks are performed in the 75x_svpwm_3shunt module:
●
Space vector pulse width modulation (SVPWM)
●
Current reading in three shunt resistor topology
In order to reconstruct the currents flowing through a three-phase load with the required
accuracy using three shunt resistors, it is necessary to properly synchronize A/D
conversions with the generated PWM signals. This is why the two tasks are included in a
single software module.
Synopsis
Lists the prototype declarations.
Description
Describes the functions specifically with a brief explanation of how they
are executed.
Input
Gives the format and units.
Returns
Gives the value returned by the function, including when an input value
is out of range or an error code is returned.
Note
Indicates the limits of the function or specific requirements that must be
taken into account before implementation.
Caution
Indicates important points that must be taken into account to prevent
hardware failures.
Functions called
Lists called functions. Useful to prevent conflicts due to the
simultaneous use of resources.
Code example
Indicates the proper way to use the function, and if there are certain
prerequisites (interrupt enabled, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com