Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 19Page - STMicroelectronics UM0324 Datasheet HTML 20Page - STMicroelectronics UM0324 Datasheet HTML 21Page - STMicroelectronics UM0324 Datasheet HTML 22Page - STMicroelectronics UM0324 Datasheet HTML 23Page - STMicroelectronics UM0324 Datasheet HTML 24Page - STMicroelectronics UM0324 Datasheet HTML 25Page - STMicroelectronics UM0324 Datasheet HTML 26Page - STMicroelectronics UM0324 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 105 page
background image
UM0324
Getting started with the library
23/105
period has been increased by a factor of 10 at least), the number of overflows is not
counted anymore. This usually indicates that information is lost (tacho time-out) or that
the speed is decreasing very sharply. The corresponding duration depends on the
tacho timer prescaler, which is variable; the higher the prescaler (at low speed), the
longer the time-out period.
#define SPEED_FIFO_SIZE
This is the length of the sofware FIFO in which the latest speed measurements are
stored. This stack is necessary to compute rolling averages on several consecutive
data.
2.2.5
AC induction motor parameters: MC_ACmotor_param.h
The MC_ACmotor_param.h header file holds motor parameters which are essential to
properly operate the IFOC vector drive.
The following parameters must be defined in all cases:
#define ROTOR_TIME_CONSTANT
Define here (in µs), the rotor open circuit time constant of the motor
τ r :
where Lm is the magnetizing inductance, Llr is the rotor leakage inductance, Lr is the
rotor inductance, rr is the rotor resistance.
#define POLEPAIR_NUMBER
Define here the stator winding pole pair number;
#define RATED_FREQ
Define here (in 0.1Hz) the right-hand boundary of the constant torque region (see
Figure 8): in that region we have rated current, rated flux, rated torque, rated power;
hNominal_Flux
Define here the required magnetizing current im (positive, peak value), expressed in
q1.15 format (see Section A.3 on page 99).
r
lr
m
r
r
r
r
L
L
r
L
+
=
=
τ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com