Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 86 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 82Page - STMicroelectronics UM0324 Datasheet HTML 83Page - STMicroelectronics UM0324 Datasheet HTML 84Page - STMicroelectronics UM0324 Datasheet HTML 85Page - STMicroelectronics UM0324 Datasheet HTML 86Page - STMicroelectronics UM0324 Datasheet HTML 87Page - STMicroelectronics UM0324 Datasheet HTML 88Page - STMicroelectronics UM0324 Datasheet HTML 89Page - STMicroelectronics UM0324 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 105 page
background image
Library functions
UM0324
86/105
4.8.3
PID regulator theoretical background
The regulators implemented for Torque, Flux and Speed are actually Proportional Integral
Derivative (PID) regulators (see note below regarding the derivative term). PID regulator
theory and tuning methods are subjects which have been extensively discussed in technical
literature. This section provides a basic reminder of the theory.
PID regulators are useful to maintain a level of torque, flux or speed according to a desired
target.
Figure 45.
PID general equation
Equation 1 corresponds to a classical PID implementation, where:
●
Kp is the proportional coefficient,
●
Ki is the integral coefficient.
●
Kd is the differential coefficient.
Note:
As mentioned in Figure 45, the derivative term of the PID can be disabled independently
(through a compiler option, see 75x_MCconf.h file) for the torque/flux or the speed
regulation; a PI can then be quickly implemented whenever the system doesn’t require a
PID control algorithm.
4.8.4
Regulator sampling time setting
The sampling time needs to be modified to adjust the regulation bandwidth. As an
accumulative term (the integral term) is used in the algorithm, increasing the loop time
decreases its effects (accumulation is slower and the integral action on the output is
delayed). Inversely, decreasing the loop time increases its effects (accumulation is faster
and the integral action on the output is increased). This is why this parameter has to be
adjusted prior to setting up any coefficient of the PID regulator.
In order to keep the CPU load as low as possible and as shown in equation (1) in Figure 45,
the sampling time is directly part of the integral coefficient, thus avoiding an extra
multiplication. Figure 46 describes the link between the time domain and the discrete
system.
torque = f(rotor position)
flux = f(rotor position)
torque = f(rotor speed)
torque and flux regulation for maximum
torque regulation for speed regulation
of the system
system efficiency
Where:
Error of the system observed at time t = T
Error
sys
T
Error
sys
T1
–
Error of the system observed at time t = T - Tsampling
fX
T
()
K
p
Error
sys
T
×
K
i
Error
sys
t
K
d
Error
sys
T
Error
sys
T1
–
–
()
×
+
0
T
∑
×
+
=
(1)
Derivative term can be disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com