Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 27Page - STMicroelectronics UM0324 Datasheet HTML 28Page - STMicroelectronics UM0324 Datasheet HTML 29Page - STMicroelectronics UM0324 Datasheet HTML 30Page - STMicroelectronics UM0324 Datasheet HTML 31Page - STMicroelectronics UM0324 Datasheet HTML 32Page - STMicroelectronics UM0324 Datasheet HTML 33Page - STMicroelectronics UM0324 Datasheet HTML 34Page - STMicroelectronics UM0324 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 105 page
background image
UM0324
Running the demo program
31/105
3.3.1
Connecting the two ICS sensors to the motor and to STR750
In order for the implemented IFOC algorithm to work properly, it is necessary to ensure that
the software implementation of the 75x_svpwm_ICS module and the hardware connections
of the two ICS are consistent.
As illustrated in Figure 16, the two ICS must act as transducers on motor phase currents
coming out of the inverter legs driven by STR750 PWM signals PWM1 (Phase A) and
PWM2 (Phase B). In particular, the current coming out of inverter Phase A must be read by
an ICS whose output has to be sent to the analog channel specified by the
PHASE_A_CHANNEL parameter in MC_pwm_ics_prm.h. Likewise, the current coming out
of inverter Phase B must be read by the other ICS and its output has to be sent to the
analog channel specified by the PHASE_B_CHANNEL parameter in MC_pwm_ics_prm.h.
About the positive current direction convention, a positive half-wave on
PHASE_X_CHANNEL is expected, corresponding to a positive half-wave on the current
coming out of the related inverter leg (see direction of I in Figure 16).
Figure 16.
ICS hardware connections
3.3.2
Selecting PHASE_A_CHANNEL and PHASE_B_CHANNEL
Default settings for PHASE_A_CHANNEL and PHASE_B_CHANNEL are respectively
ADC_CHANNEL11
and ADC_CHANNEL10. You can change the default settings if the
hardware requires it by editing the MC_pwm_ics_prm.h file. However, there are a few rules
to follow when selecting the new ADC channels:
●
You must initialize the proper GPIOs as analog inputs; an example for channel 8 is
given below:
/* ADC Channel 8 pin configuration */
GPIO_InitStructure.GPIO_Mode = GPIO_Mode_AIN;
GPIO_InitStructure.GPIO_Pin = GPIO_Pin_29;
GPIO_Init(GPIO0, &GPIO_InitStructure);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com