Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 33Page - STMicroelectronics UM0324 Datasheet HTML 34Page - STMicroelectronics UM0324 Datasheet HTML 35Page - STMicroelectronics UM0324 Datasheet HTML 36Page - STMicroelectronics UM0324 Datasheet HTML 37Page - STMicroelectronics UM0324 Datasheet HTML 38Page - STMicroelectronics UM0324 Datasheet HTML 39Page - STMicroelectronics UM0324 Datasheet HTML 40Page - STMicroelectronics UM0324 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 105 page
background image
UM0324
Library functions
37/105
SVPWM_3ShuntCurrentReadingCalibration
SVPWM_3ShuntGetPhaseCurrentValues
Synopsis
void SVPWM_3ShuntCurrentReadingCalibration(void);
Description
The purpose of this function is to store the three analog voltages
corresponding to zero current values for compensating the offset
introduced by the amplification network.
Input
None.
Returns
None.
Note
This function must be called before PWM outputs are enabled so that
the current flowing through inverter legs is zero. When using STR750
MC Kit, the power board (MB459B) must be supplied before the
control board (MB469B). This way, the current sensing conditioning
network will reach steady state before performing calibration.
Functions called
Standard library:
ADC_GetFlagStatus, ADC_ConversionCmd, ADC_Init,
ADC_ClearFlag, ADC_ITConfig
Motor control library:
SVPWM_3ShuntCalcDutyCycles
Synopsis
Curr_Components SVPWM_3ShuntGetPhaseCurrentValues(void);
Description
This function computes current values of Phase A and Phase B in
q1.15 format starting from values acquired from the A/D Converter
peripheral.
Input
None.
Returns
Curr_Components type variable.
Note
In order to have a q1.15 format for the current values, the digital value
corresponding to the offset must be subtracted when reading phase
current A/D converted values. Therefore, the function must be called
after SVPWM_3ShuntCurrentReadingCalibration.
Functions called None.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com