Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 18Page - STMicroelectronics UM0324 Datasheet HTML 19Page - STMicroelectronics UM0324 Datasheet HTML 20Page - STMicroelectronics UM0324 Datasheet HTML 21Page - STMicroelectronics UM0324 Datasheet HTML 22Page - STMicroelectronics UM0324 Datasheet HTML 23Page - STMicroelectronics UM0324 Datasheet HTML 24Page - STMicroelectronics UM0324 Datasheet HTML 25Page - STMicroelectronics UM0324 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 105 page
background image
Getting started with the library
UM0324
22/105
●
#define TIMER0_HANDLES_TACHO
To be uncommented if tachogenerator-based speed measurement is performed by
TIMER0.
●
#define TIMER1_HANDLES_TACHO
To be uncommented if tachogenerator-based speed measurement is performed by
TIMER1.
●
#define TIMER2_HANDLES_TACHO
To be uncommented if tachogenerator-based speed measurement is performed by
TIMER2. (Default; required if using STR750-MCKIT, in conjunction with Input Capture 1
choice - see below).
●
#define TACHO_INPUT_TI1
To be uncommented if sensor output signal is wired to TimerX Input Capture 1. (Default
- in conjunction with TIMER2 choice; required if using STR750-MCKIT).
●
#define TACHO_INPUT_TI2
To be uncommented if sensor output signal is wired to TimerX Input Capture 2.
●
#define MAX_SPEED_FDBK
This parameter defines the frequency above which speed feedback is not realistic in
the application: this allows to discriminate glitches for example. The unit is 0.1Hz. By
default, it is set to 6400 (640.0Hz), which corresponds to approximately 20000 RPM for
a two pole pair motor.
●
#define MAX_SPEED
This parameter is the value returned by the function TAC_GetRotorFreqInHz if
measured speed is greater than MAX_SPEED_FDBK. The default value is 640Hz, but
it can be 0 or FFFF depending on how this value is managed by the upper layer
software.
●
#define MAX_PSEUDO_SPEED
This parameter is the value returned by the function TAC_GetRotorFreq if measured
speed is greater than MAX_SPEED_FDBK. The unit is rad/pwm period
(2
π rad = 0xFFFF). See Section 4.7.4: Converting Hertz into pseudo frequency on
page 83 for more details.
●
#define MIN_SPEED_FDBK
This parameter is the frequency below which speed feedback is not realistic in the
application: this allows to discriminate too low frequency. This value is set to 1 Hz by
default, and depends on sensor and signal conditioning stage characteristics. Typically,
the tacho signal is too weak at very low speed to trigger input capture on the MCU.
Note:
The MC_tacho_prm.h file includes two formulas that allow to compute the minimum sensed
speed when speed is increasing (during start-up) or decreasing (during motor stop).
●
#define MAX_RATIO
Maximum possible TIMER clock prescaler ratio:
–
This defines the lowest speed that can be measured (when counter = 0xFFFF).
–
It also prevents the clock prescaler from decreasing excessively when the motor is
stopped. (This prescaler is automatically adjusted during each and every capture
interrupt to optimize the timing resolution).
●
#define MAX_OVERFLOWS
This is the maximum number of consecutive timer overflows taken into account. It is set
by default to 10: if the timer overflows more than 10 times (meaning that the tacho



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com