Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 25Page - STMicroelectronics UM0324 Datasheet HTML 26Page - STMicroelectronics UM0324 Datasheet HTML 27Page - STMicroelectronics UM0324 Datasheet HTML 28Page - STMicroelectronics UM0324 Datasheet HTML 29Page - STMicroelectronics UM0324 Datasheet HTML 30Page - STMicroelectronics UM0324 Datasheet HTML 31Page - STMicroelectronics UM0324 Datasheet HTML 32Page - STMicroelectronics UM0324 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 105 page
background image
UM0324
Running the demo program
29/105
3.2
Closed loop
Figure 14 shows a summary of the LCD menus and settings (blinking items are shown
underlined).
Figure 14.
LCD menus in closed loop
Switching from open to closed loop operation and vice versa is done by moving the joystick
up or down while the first menu shown in the above figure is displayed and motor is stopped.
In closed loop operation, you can vary the target speed by moving the joystick up or down
while the PID motor speed target selection menu is displayed. The demo program also
allows real-time tuning of the speed PID regulator coefficients.
Finally, although you cannot act directly on torque and flux references, you can also observe
both the target and measured flux and torque stator current component. In fact, in closed
loop, both flux and torque references are the outputs of speed PID regulator and field
weakening blocks.
As in open loop, pressing the joystick or the KEY button will start the motor.
The closed loop ramp-up strategy is shown in Figure 15. Basically, a linear torque ramp is
applied to the motor until it reaches speed TACHO_SPEED_VAL (if a tacho speed sensor is
used) or ENCODER_CL_ENABLE (if an encoder is used). Then, the speed PID regulator is
enabled and takes control of the torque reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com