Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 24Page - STMicroelectronics UM0324 Datasheet HTML 25Page - STMicroelectronics UM0324 Datasheet HTML 26Page - STMicroelectronics UM0324 Datasheet HTML 27Page - STMicroelectronics UM0324 Datasheet HTML 28Page - STMicroelectronics UM0324 Datasheet HTML 29Page - STMicroelectronics UM0324 Datasheet HTML 30Page - STMicroelectronics UM0324 Datasheet HTML 31Page - STMicroelectronics UM0324 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 105 page
background image
Running the demo program
UM0324
28/105
Moving the joystick left or right in these circumstances allows changing the context into the
second menu where it is possible to modify both the torque and flux reference.
Finally press either the KEY button or the joystick to start the motor (main state machine will
move from IDLE to START state).
The ramp up strategy is illustrated in Figure 13. Basically, the applied torque reference
reaches the final Iq value set with the joystick in the time that you configure in the
STARTUP_RAMP_DURATION
parameter (defined in MC_Control_Param.h) following a
linear ramp.
After STARTUP_RAMP_DURATION, if valid information from the speed sensor (tachometer or
encoder) is detected, the torque reference becomes adjustable on the fly from the joystick.
On the contrary, if no valid information from the speed sensor is detected, for example
because a problem occurred with speed sensor connections or because the load torque is
higher then the value that you set, then the final torque reference is kept constant until
STARTUP_TIMEOUT
.
Finally, when no valid speed information comes from the motor and STARTUP_TIMEOUT is
elapsed, the main state machine goes into FAULT state for two seconds and the error
message ‘Start-up failed’ is displayed on the LCD. In this case, it is strongly advised to
check speed sensor feedback connections first and then, if necessary, to increase the final
ramp torque reference in case the load torque is too high.
Caution:
In open loop operation, a constant torque reference is produced. Depending on the load
torque applied, this could lead to constant acceleration of the motor, making the speed rise
up to the motor’s physical limits.
Figure 13.
Open loop start-up strategy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com