Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 17Page - STMicroelectronics UM0324 Datasheet HTML 18Page - STMicroelectronics UM0324 Datasheet HTML 19Page - STMicroelectronics UM0324 Datasheet HTML 20Page - STMicroelectronics UM0324 Datasheet HTML 21Page - STMicroelectronics UM0324 Datasheet HTML 22Page - STMicroelectronics UM0324 Datasheet HTML 23Page - STMicroelectronics UM0324 Datasheet HTML 24Page - STMicroelectronics UM0324 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
UM0324
Getting started with the library
21/105
Start-up torque ramp parameters
See Section 3.1: Open loop and Section 3.2: Closed loop on page 29 for details.
#define STARTUP_TIMEOUT
Define here, in ms, the overall time allowed for start-up;
#define STARTUP_RAMP_DURATION
Define here, in ms, the duration of the torque ramp up;
#define STARTUP_FINAL_TORQUE
Define here, in q1.15 format, the final reference value for torque ramp up (closed loop
only);
#define TACHO_SPEED_VAL
Define here, in 0.1Hz, the lowest speed for tachogenerator reading validation.
Linear variation of PID constants according to mechanical speed.
Refer to Section 4.8.5: Adjusting speed regulation loop Ki, Kp and Kd vs motor frequency on
page 87.
2.2.3
Incremental encoder parameters: MC_encoder_param.h
The MC_encoder_parameter.h header file is to be filled out if position/speed sensing is
performed by means of a quadrature, square wave, relative rotary encoder.
#define ENCODER_PPR
Define here the number of pulses, generated by a single channel, for one shaft
revolution (actual resolution will be 4x);
#define TIMER0_HANDLES_ENCODER
To be uncommented if the two sensor output signals are wired to TIMER0 input pins;
#define TIMER1_HANDLES_ENCODER
to be uncommented if the two sensor output signals are wired to TIMER1 input pins;
#define TIMER2_HANDLES_ENCODER
To be uncommented if the two sensor output signals are wired to TIMER2 input pins
(default; required if using STR750-MCKIT).
2.2.4
Tachogenerator parameters: MC_tacho_prm.h
The MC_tacho_prm.h header file is to be filled out if speed sensing is performed using an
AC tachogenerator. Extra details and more explanations on tacho-based speed
measurement can be found in Section 4.7 on page 76 and Section A.4 on page 100.
#define TACHO_PULSE_PER_REV
Define here the number of pulses per revolution given by the tachogenerator; in order
to verify the correct operation of the tacho module, this parameter can be set to 1, so
that the frequency measurement can be directly compared with the one of a signal
generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com