Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 28Page - STMicroelectronics UM0324 Datasheet HTML 29Page - STMicroelectronics UM0324 Datasheet HTML 30Page - STMicroelectronics UM0324 Datasheet HTML 31Page - STMicroelectronics UM0324 Datasheet HTML 32Page - STMicroelectronics UM0324 Datasheet HTML 33Page - STMicroelectronics UM0324 Datasheet HTML 34Page - STMicroelectronics UM0324 Datasheet HTML 35Page - STMicroelectronics UM0324 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 105 page
background image
Running the demo program
UM0324
32/105
●
You must select two contiguous channels (for example, ADC_CHANNEL8 and
ADC_CHANNEL9
) and the one with the highest number must be associated with
PHASE_A_CHANNEL (for example, PHASE_A_CHANNEL -> ADC_CHANNEL9,
PHASE_B_CHANNEL->ADC_CHANNEL8) .
3.4
How to build the system when using an incremental encoder
Quadrature incremental encoders are widely used to read the rotor position of electric
machines.
As the name implies, incremental encoders actually read angular displacements with
respect to an initial position: if that position is known, then rotor absolute angle is known too.
Quadrature encoders have two output signals (represented in Figure 17 as TI1 and TI2).
With these, and with the STR750 standard timer in encoder interface mode, it is possible to
get information about rolling direction.
Figure 17.
Encoder output signals: counter operation
In addition, rotor angular velocity can be easily calculated as a time derivative of angular
position.
To set up the AC IM IFOC software library for use with an incremental encoder, simply
modify the 75x_MCconf.h and MC_encoder_param.h header files according to the
indications given in Section 2.2.1 on page 18 and Section 2.2.3 on page 21 respectively.
However, some extra care should be taken, concerning what is considered to be the positive
rolling direction: this software library assumes that the positive rolling direction is the rolling
direction of a machine that is fed with a three-phase system of positive sequence.
Because of this, and because of how the encoder output signals are wired to the
microcontroller input pins, it is possible to have a sign discrepancy between the real rolling
direction and the direction that is read. To avoid this kind of reading error, you can apply the
following procedure:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com