Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0324 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0324
Description  This user manual describes
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0324 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0324 Datasheet HTML 26Page - STMicroelectronics UM0324 Datasheet HTML 27Page - STMicroelectronics UM0324 Datasheet HTML 28Page - STMicroelectronics UM0324 Datasheet HTML 29Page - STMicroelectronics UM0324 Datasheet HTML 30Page - STMicroelectronics UM0324 Datasheet HTML 31Page - STMicroelectronics UM0324 Datasheet HTML 32Page - STMicroelectronics UM0324 Datasheet HTML 33Page - STMicroelectronics UM0324 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 105 page
background image
Running the demo program
UM0324
30/105
However, if the motor does not reach the above mentioned speeds before
STARTUP_RAMP_DURATION
, the final torque reference value (STARTUP_FINAL_TORQUE)
is further applied until STARTUP_TIMEOUT. Finally, in the case where the speeds that
enable the closed loop are not reached before STARTUP_TIMEOUT, the state machine goes
into FAULT state for two seconds and the error message Start-up failed is displayed on the
LCD. In this case, it is strongly advised to check speed sensor feedback connections first
and then, if necessary, to increase STARTUP_FINAL_TORQUE if the load torque is too high.
With reference to Figure 15, note that parameters TACHO_SPEED_VAL,
ENCODER_CL_ENABLE
, STARTUP_FINAL_TORQUE, STARTUP_RAMP_DURATION, and
STARTUP_TIMEOUT
are fully configurable so that you can customize the start-up depending
on the motor and load conditions. Parameters definitions are done in the
MC_Control_Param.h
header file.
Figure 15.
Closed loop start-up strategy
3.3
Setting up the system when using ICS sensors
The default configuration provides for the use of three shunt resistors and tacho-generator.
Section 3.3.1 describes how to change the firmware configuration from three shunt resistors
to two ICS stator current reading. This section gives you information about how to provide
the STR750 with ICS feedback signals and to properly customize the firmware.
Caution:
When using two ICS for stator current reading, you must ensure that the conditioned
sensors output signal range is compatible with the STR750 supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com