Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0223 Datasheet(PDF) 101 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 97Page - STMicroelectronics PM0223 Datasheet HTML 98Page - STMicroelectronics PM0223 Datasheet HTML 99Page - STMicroelectronics PM0223 Datasheet HTML 100Page - STMicroelectronics PM0223 Datasheet HTML 101Page - STMicroelectronics PM0223 Datasheet HTML 102Page - STMicroelectronics PM0223 Datasheet HTML 103Page - STMicroelectronics PM0223 Datasheet HTML 104Page - STMicroelectronics PM0223 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 110 page
background image
DocID025763 Rev 1
101/110
PM0223
STM32L0 Core Peripherals
108
When ENABLE and PRIVDEFENA are both set to 1:
For privileged accesses, the default memory map is as described in 2.2: Memory
model on page 20. Any access by privileged software that does not address an
enabled memory region behaves as defined by the default memory map.
Any access by unprivileged software that does not address an enabled memory region
causes a MemManage fault.
XN and Strongly-ordered rules always apply to the System Control Space regardless of the
value of the ENABLE bit.
When the ENABLE bit is set to 1, at least one region of the memory map must be enabled
for the system to function unless the PRIVDEFENA bit is set to 1. If the PRIVDEFENA bit is
set to 1 and no regions are enabled, then only privileged software can operate.
When the ENABLE bit is set to 0, the system uses the default memory map. This has the
same memory attributes as if the MPU is not implemented, see Table 11 on page 22. The
default memory map applies to accesses from both privileged and unprivileged software.
When the MPU is enabled, accesses to the System Control Space and vector table are
always permitted. Other areas are accessible based on regions and whether PRIVDEFENA
is set to 1.
Unless HFNMIENA is set to 1, the MPU is not enabled when the processor is executing the
handler for an exception with priority –1 or –2. These priorities are only possible when
handling a HardFault or NMI exception. Setting the HFNMIENA bit to 1 enables the MPU
when operating with these two priorities.
4.5.3
MPU Region Number Register
The MPU_RNR selects which memory region is referenced by the MPU_RBAR and
MPU_RASR registers. See the register summary in Table 35 on page 99 for its attributes.
The bit assignments are:
Bits 31:3
Reserved, forced by hardware to 0.
Bit 2
PRIVDEFENA: Enable privileged software access to default memory map.
0: If the MPU is enabled, disables use of the default memory map. Any memory access to a
location not covered by any enabled region causes a fault.
1: If the MPU is enabled, enables use of the default memory map as a background region for
privileged software accesses.
Note: When enabled, the background region acts as if it is region number -1. Any region that
is defined and enabled has priority over this default map.
If the MPU is disabled, the processor ignores this bit.
Bit 1
HFNMIENA: Enables the operation of MPU during HardFault and NMI handlers.
When the MPU is enabled:
0 = MPU is disabled during HardFault and NMI handlers, regardless of the value of the
ENABLE bit.
1 = the MPU is enabled during HardFault and NMI handlers.
When the MPU is disabled, if this bit is set to 1 the behavior is Unpredictable.
Bit 0
ENABLE: Enables the MPU
0: MPU disabled
1: MPU enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com